Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0029-W Datasheet (PDF) - DFROBOT

DFR0029-W Datasheet PDF - DFROBOT
Part # DFR0029-W
Download  DFR0029-W Download
File Size   212.3 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital Push Button (White)

DFR0029-W Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0029-W Datasheet PDF - DFROBOT

Part # DFR0029-W
Download  DFR0029-W Click to download

File Size   212.3 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital Push Button (White)

DFR0029-W Datasheet (HTML) - DFROBOT


DFR0029-W Product details

FEATURES
Wide voltage range from 3.3V to 5V
Standard assembling structure (two 3mm diameter holes with multiple of 5mm as distance from center)
Easily recognitive interfaces of sensors ("A" for analog and "D" for digital)
Icons to simplely illustrate sensor function
High quality connector
Immersion gold surface




Similar Part No. - DFR0029-W

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0029-B DFROBOT-DFR0029-B Datasheet
213Kb / 2P
Gravity: Digital Push Button (Blue)
DFR0029-G DFROBOT-DFR0029-G Datasheet
53Kb / 2P
Gravity: Digital Push Button (Green)
DFR0029-R DFROBOT-DFR0029-R Datasheet
53Kb / 2P
Gravity: Digital Push Button (Red)-DFRobot
DFR0029-Y DFROBOT-DFR0029-Y Datasheet
214Kb / 2P
Gravity: Digital Push Button (Yellow)
More results


Similar Description - DFR0029-W

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
SPB-3901 BUD-SPB-3901 Datasheet
111Kb / 1P
PUSH BUTTON BOXES
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
Copal Electronics
DN1 COPAL-DN1 Datasheet
76Kb / 2P
Push Button Control of Digital Potentiometers
logo
LinkCom Manufacturing C...
DAL003N000NNN3-00G LINKCOM-DAL003N000NNN3-00G Datasheet
192Kb / 3P
Digital scene switch (Push Button) Powered by DC
logo
Schneider Electric
ZB4BA9 SCHNEIDER-ZB4BA9 Datasheet
337Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, black, green, red, white, yellow, blue, unmarked
Oct 4, 2021
ZB4BH013 SCHNEIDER-ZB4BH013 Datasheet
374Kb / 11P
Harmony XB4, Illuminated push button head, metal, flush, white, 횠22, push-push, integral LED,
Oct 8, 2021
ZB5AH013 SCHNEIDER-ZB5AH013 Datasheet
412Kb / 10P
Harmony XB5, Illuminated push button head, plastic, flush, white, 횠22, push-push, integral LED
Mar 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com