Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0029-Y Datasheet (PDF) - DFROBOT

DFR0029-Y Datasheet PDF - DFROBOT
Part # DFR0029-Y
Download  DFR0029-Y Download
File Size   214.98 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital Push Button (Yellow)

DFR0029-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0029-Y Datasheet PDF - DFROBOT

Part # DFR0029-Y
Download  DFR0029-Y Click to download

File Size   214.98 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital Push Button (Yellow)

DFR0029-Y Datasheet (HTML) - DFROBOT


DFR0029-Y Product details

FEATURES
Wide voltage range from 3.3V to 5V
Standard assembling structure (two 3mm diameter holes with multiple of 5mm as distance from center)
Easily recognitive interfaces of sensors ("A" for analog and "D" for digital)
Icons to simplely illustrate sensor function
High quality connector
Immersion gold surface




Similar Part No. - DFR0029-Y

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0029-B DFROBOT-DFR0029-B Datasheet
213Kb / 2P
Gravity: Digital Push Button (Blue)
DFR0029-G DFROBOT-DFR0029-G Datasheet
53Kb / 2P
Gravity: Digital Push Button (Green)
DFR0029-R DFROBOT-DFR0029-R Datasheet
53Kb / 2P
Gravity: Digital Push Button (Red)-DFRobot
DFR0029-W DFROBOT-DFR0029-W Datasheet
212Kb / 2P
Gravity: Digital Push Button (White)
More results


Similar Description - DFR0029-Y

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
Copal Electronics
DN1 COPAL-DN1 Datasheet
76Kb / 2P
Push Button Control of Digital Potentiometers
logo
Schneider Electric
ZB4BA9 SCHNEIDER-ZB4BA9 Datasheet
337Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, black, green, red, white, yellow, blue, unmarked
Oct 4, 2021
ZB4BH083 SCHNEIDER-ZB4BH083 Datasheet
409Kb / 11P
Harmony XB4, Illuminated push button head, metal, yellow, flush, 횠22, push-push, integral LED,
Oct 4, 2021
ZB4FH05 SCHNEIDER-ZB4FH05 Datasheet
160Kb / 8P
Head for push button, Harmony XB4, flush mounted yellow flush caps pushbutton push
Oct 8, 2021
ZB4BT5 SCHNEIDER-ZB4BT5 Datasheet
363Kb / 13P
Harmony XB4, Mushroom push button head 횠40, metal, yellow, 횠22, latching push-pull
Oct 18, 2021
XACA9415 SCHNEIDER-XACA9415 Datasheet
145Kb / 2P
Harmony XAC, Push button head, plastic, yellow, booted, spring return
Mar 21, 2022
XB7NA81 SCHNEIDER-XB7NA81 Datasheet
129Kb / 6P
Push button, Harmony XB7, PB, Spring Rtn, yellow, 1 NO
Jan 22, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com