Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0528 Datasheet (PDF) - DFROBOT

DFR0528 Datasheet PDF - DFROBOT
Part # DFR0528
Download  DFR0528 Download
File Size   1423.64 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description UPS HAT for Raspberry Pi Zero

DFR0528 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0528 Datasheet PDF - DFROBOT

Part # DFR0528
Download  DFR0528 Click to download

File Size   1423.64 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description UPS HAT for Raspberry Pi Zero

DFR0528 Datasheet (HTML) - DFROBOT


DFR0528 Product details

FEATURES
 Standard Raspberry Pi extension ports for connecting other expansion boards.
 2A maximum current output for supporting more Raspberry Pi applications.
 Auto switching of charge/recharge path, designed to be against power-down.
 On-board 5 LEDs for showing the batteries’ status
 On-board Maxim fuel gauge IC
 Support reading battery information via I2C
 Lithium battery charge/discharge protection and over-heating protection
 Anti-backflow mainboard power source




Similar Part No. - DFR0528

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0520 DFROBOT-DFR0520 Datasheet
917Kb / 13P
Dual Digital Pot (100K) SKU: DFR0520
12-8-17
DFR0521 DFROBOT-DFR0521 Datasheet
365Kb / 7P
micro:bit Expansion Board for Boson (Gravity Compatible)
11-2-17
More results


Similar Description - DFR0528

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com