Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0528 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0528
Description  UPS HAT for Raspberry Pi Zero
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0528 Datasheet(HTML) 1 Page - DFROBOT

  DFR0528 Datasheet HTML 1Page - DFROBOT DFR0528 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
UPS HAT for Raspberry Pi Zero
SKU:DFR0528
 
INTRODUCTION
DFRobot UPS HAT is an uninterruptable power supply shield designed for the Raspberry
Pi Zero series, and also compatible with Pi 2/3/A+. The UPS HAT can continue to provide
power to the Raspberry Pi for a certain period of time when the system is powered off, by which
to avoid system damage and assure safe shut down. In addition, the product can be used to
supply power for applications requiring mobility such as Raspberry Pi camera, tablet PC, field
data collection system.
FEATURES
Standard Raspberry Pi extension ports for connecting other expansion boards.
2A maximum current output for supporting more Raspberry Pi applications.
Auto switching of charge/recharge path, designed to be against power-down.
On-board 5 LEDs for showing the batteries’ status
On-board Maxim fuel gauge IC
Support reading battery information via I2C
Lithium battery charge/discharge protection and over-heating protection
Anti-backflow mainboard power source


Similar Part No. - DFR0528

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0520 DFROBOT-DFR0520 Datasheet
917Kb / 13P
Dual Digital Pot (100K) SKU: DFR0520
12-8-17
DFR0521 DFROBOT-DFR0521 Datasheet
365Kb / 7P
micro:bit Expansion Board for Boson (Gravity Compatible)
11-2-17
More results

Similar Description - DFR0528

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com