Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0528 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0528
Description  UPS HAT for Raspberry Pi Zero
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0528 Datasheet(HTML) 2 Page - DFROBOT

  DFR0528 Datasheet HTML 1Page - DFROBOT DFR0528 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
SPECIFICATION
Supply Voltage: 4.5~5.5V
Supply Current: (recommend using the adapter with the power of 2A and above)
Power Supply Interface: Micro-USB
Maximum Charge Current: 1.6A
Battery Port: PH2.0-2P or solderable contact
Battery: 3.7 Lithium Battery
Output Voltage: 5V
Maximum Output Current: 2A
Communication Interface: I2C
Dimension: 65x30mm/2.56x1.18”
Mounting Hole Size: 58x23mm/2.83x0.91”
Operating Temperature: -40
℃~85℃
SHIPPING LIST
UPS HAT for Raspberry Pi Zero x1
Double-pass Copper Pillar M2.5*14 x4
Single Head Copper Pillar M2.5*4 x4
Screw M2.5*6 x4
 
https://www.dfrobot.com/product‐1932.html?search=DFR0528&description=true/12‐5‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com