Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMP Datasheet (PDF) - Texas Instruments

ADC32RF44IRMP Datasheet PDF - Texas Instruments
Part # ADC32RF44IRMP
Download  ADC32RF44IRMP Download
File Size   6822.63 Kbytes
Page   135 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter

ADC32RF44IRMP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC32RF44IRMP Datasheet PDF - Texas Instruments

Part # ADC32RF44IRMP
Download  ADC32RF44IRMP Click to download

File Size   6822.63 Kbytes
Page   135 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter

ADC32RF44IRMP Datasheet (HTML) - Texas Instruments


ADC32RF44IRMP Product details

1 Features
1• 14-Bit, Dual-Channel, 2.6-GSPS ADC
• Noise Floor: –154.2 dBFS/Hz
• RF Input Supports Up to 4.0 GHz
• Aperture Jitter: 90 fS
• Channel Isolation: 95 dB at fIN = 1.8 GHz
• Spectral Performance (fIN = 900 MHz, –2 dBFS):
– SNR: 61.2 dBFS
– SFDR: 65-dBc HD2, HD3
– SFDR: 79-dBc Worst Spur
• Spectral Performance (fIN = 1.85 GHz, –2 dBFS):
– SNR: 58.3 dBFS
– SFDR: 69-dBc HD2, HD3
– SFDR: 74-dBc Worst Spur
• On-Chip Digital Down-Converters:
– Up to 4 DDCs (Dual-Band Mode)
– Up to 3 Independent NCOs per DDC
• On-Chip Input Clamp for Overvoltage Protection
• Programmable On-Chip Power Detectors with
Alarm Pins for AGC Support
• On-Chip Dither
• On-Chip Input Termination
• Input Full-Scale: 1.35 VPP
• Support for Multi-Chip Synchronization
• JESD204B Interface:
– Subclass 1-Based Deterministic Latency
– 4 Lanes Per Channel at 12.5 Gbps
• Power Dissipation: 2.95 W/Ch at 2.6 GSPS
• 72-Pin VQFN Package (10 mm × 10 mm)

2 Applications
• Multi-Band, Multi-Mode 2G, 3G, 4G Cellular
Receivers
• Phased Array Radars
• Electronic Warfare
• Cable Infrastructure
• Broadband Wireless
• High-Speed Digitizers
• Software-Defined Radios
• Communications Test Equipment
• Microwave and Millimeter Wave Receivers

3 Description
The ADC32RF44 device is a 14-bit, 2.6-GSPS, dualchannel,
analog-to-digital converter (ADC) that
supports RF sampling with input frequencies up to
4 GHz and beyond. Designed for high signal-to-noise
ratio (SNR), the ADC32RF44 delivers a noise
spectral density of –154.2 dBFS/Hz as well as
dynamic range and channel isolation over a large
input frequency range. The buffered analog input with
on-chip termination provides uniform input impedance
across a wide frequency range and minimizes
sample-and-hold glitch energy.
Each ADC channel can be connected to a dual-band,
digital down-converter (DDC) with up to three
independent, 16-bit numerically-controlled oscillators
(NCOs) per DDC for phase-coherent frequency
hopping. Additionally, the ADC is equipped with frontend
peak and RMS power detectors and alarm
functions to support external automatic gain control
(AGC) algorithms.
The ADC32RF44 supports the JESD204B serial
interface with subclass 1-based deterministic latency
using data rates up to 12.5 Gbps with up to four lanes
per ADC. The device is offered in a 72-pin VQFN
package (10 mm × 10 mm) and supports the
industrial temperature range (–40°C to +85°C).




Similar Part No. - ADC32RF44IRMP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMPR TI1-ADC32RF44IRMPR Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMPT TI1-ADC32RF44IRMPT Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMPT TI1-ADC32RF44IRMPT Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results


Similar Description - ADC32RF44IRMP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com