Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMP Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC32RF44IRMP
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 2 Page - Texas Instruments

  ADC32RF44IRMP Datasheet HTML 1Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 2Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 3Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 4Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 5Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 6Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 7Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 8Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 135 page
background image
2
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
AC Performance Characteristics .............................. 7
7.7
Digital Requirements ................................................ 9
7.8
Timing Requirements .............................................. 10
7.9
Typical Characteristics ............................................ 12
8
Parameter Measurement Information ................ 21
8.1
Input Clock Diagram ............................................... 21
9
Detailed Description ............................................ 22
9.1
Overview ................................................................. 22
9.2
Functional Block Diagram ....................................... 22
9.3
Feature Description................................................. 23
9.4
Device Functional Modes........................................ 50
9.5
Register Maps ......................................................... 64
10
Application and Implementation...................... 115
10.1
Application Information........................................ 115
10.2
Typical Application .............................................. 122
11
Power Supply Recommendations ................... 124
12
Layout................................................................. 124
12.1
Layout Guidelines ............................................... 124
12.2
Layout Example .................................................. 125
13
Device and Documentation Support ............... 126
13.1
Documentation Support ...................................... 126
13.2
Receiving Notification of Documentation
Updates.................................................................. 126
13.3
Community Resources........................................ 126
13.4
Trademarks ......................................................... 126
13.5
Electrostatic Discharge Caution .......................... 126
13.6
Glossary .............................................................. 126
14
Mechanical, Packaging, and Orderable
Information ......................................................... 126
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (February 2017) to Revision A
Page
•
Changed minimum specification of NSD parameter (fIN = 1850 MHz) from 146.6 to 146.1 .................................................. 7
•
Changed minimum specifications of HD3, HD4 and HD5, and IL spur parameters (fIN = 1850 MHz) from 63 to 62.5,
from 70 to 69.5, and from 68 to 66.5, respectively................................................................................................................. 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com