Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMP Datasheet(PDF) 44 Page - Texas Instruments

Part # ADC32RF44IRMP
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADC32RF44IRMP Datasheet HTML 40Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 41Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 42Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 43Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 44Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 45Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 46Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 47Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 135 page
background image
THHH
THHL
BLKPKDET
DWELL Time
44
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 104. Peak Power Detector Timing Diagram
Table 8 shows the register configurations required to set up the absolute peak power detector. The detector
operates in the fS / 8 clock domain; one peak sample is calculated over eight actual samples.
The automatic gain control (AGC) modes can be configured separately for channel A (54xxh) and channel B
(5Cxxh), although some registers are common in 54xxh (such as the GPIO pin selection).
Table 8. Registers Required for the Peak Power Detector
REGISTER
ADDRESS
DESCRIPTION
PKDET EN
5400, 5C00h
Enables peak detector
BLKPKDET
5401h, 5402h,
5403h, 5C01h,
5C02h, 5C03h
Sets the block length N of number of samples (S`). Number of actual ADC samples is 8X this
value: N is 17 bits: 1 to 216.
BLKTHHH,
BLKTHHL,
BLKTHLH,
BLKTHLL
5407h, 5408h,
5409h, 540Ah,
5C07h, 5C08h,
5C09h, 5C0Ah
Sets the different thresholds for the hysteresis function values from 0 to 256 (where 256 is
equivalent to the peak amplitude).
For example: if BLKTHHH is to –2 dBFS from peak, 10(–2 / 20) × 256 = 203, then set 5407h and
5C07h = CBh.
DWELL
540Bh, 540Ch,
5C0Bh, 5C0Ch
When the computed block peak crosses the upper thresholds BLKTHHH or BLKTHLH, the peak
detector output flags are set. In order to be reset, the computed block peak must remain
continuously lower than the lower threshold (BLKTHHL or BLKTHLL) for the period specified by
the DWELL value. This threshold is 16 bits and is specified in terms of fS / 8 clock cycles.
OUTSEL
GPIO[4:1]
5432h, 5433h,
5434h, 5435h
Connects the BLKPKDETH, BLKPKDETL alarms to the GPIO pins; common register.
IODIR
5437h
Selects the direction for the four GPIO pins; common register.
RESET AGC
542Bh, 5C2Bh
After configuration, reset the AGC module to start operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com