Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMP Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC32RF44IRMP
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 3 Page - Texas Instruments

  ADC32RF44IRMP Datasheet HTML 1Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 2Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 3Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 4Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 5Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 6Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 7Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 8Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 135 page
background image
1
DB3M
54
DA3M
2
DB3P
53
DA3P
3
GND
52
GND
4
DVDD
51
DVDD
5
SDIN
50
PDN
6
SCLK
49
GND
7
SEN
48
RESET
8
DVDD
47
DVDD
9
AVDD
46
AVDD
10
AVDD19
45
AVDD19
11
SDOUT
44
AVDD
12
AVDD
43
AVDD
13
INBP
42
INAP
14
INBM
41
INAM
15
AVDD
40
AVDD
16
AVDD19
39
AVDD19
17
AVDD
38
AVDD
18
GND
37
GND
Not to scale
Thermal
Pad
3
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
SPEED GRADE (MSPS)
RESOLUTION (Bits)
CHANNELS
ADC32RF45
3000
14
2
ADC32RF44
2600
14
2
6 Pin Configuration and Functions
RMP Package
72-Pin VQFN
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com