Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3421 Datasheet (PDF) - Texas Instruments

ADC3421 Datasheet PDF - Texas Instruments
Part # ADC3421
Download  ADC3421 Download
File Size   4062.13 Kbytes
Page   80 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter

ADC3421 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3421 Datasheet PDF - Texas Instruments

Part # ADC3421
Download  ADC3421 Click to download

File Size   4062.13 Kbytes
Page   80 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter

ADC3421 Datasheet (HTML) - Texas Instruments


ADC3421 Product details

1 Features
1• Quad Channel
• 12-Bit Resolution
• Single Supply: 1.8 V
• Serial LVDS Interface
• Flexible Input Clock Buffer with Divide-by-1, -2, -4
• SNR = 70.2 dBFS, SFDR = 87 dBc at
fIN = 70 MHz
• Ultra-Low Power Consumption:
– 98 mW/Ch at 125 MSPS
• Channel Isolation: 105 dB
• Internal Dither and Chopper
• Support for Multi-Chip Synchronization
• Pin-to-Pin Compatible with 14-Bit Version
• Package: VQFN-56 (8 mm × 8 mm)

2 Applications
• Multi-Carrier, Multi-Mode Cellular Base Stations
• Radar and Smart Antenna Arrays
• Munitions Guidance
• Motor Control Feedback
• Network and Vector Analyzers
• Communications Test Equipment
• Nondestructive Testing
• Microwave Receivers
• Software-Defined Radios (SDRs)
• Quadrature and Diversity Radio Receivers

3 Description
The ADC342x are a high-linearity, ultra-low power,
quad-channel, 12-bit, 25-MSPS to 125-MSPS, analog-to-digital converter (ADC) family. The devices
are designed specifically to support demanding, high
input frequency signals with large dynamic range
requirements. An input clock divider allows more flexibility for system clock architecture design and the
SYSREF input enables complete system
synchronization. The ADC342x family supports serial
low-voltage differential signaling (LVDS) in order to
reduce the number of interface lines, thus allowing for high system integration density. The serial LVDS
interface is two-wire, where each ADC data are
serialized and output over two LVDS pairs. An
internal phase-locked loop (PLL) multiplies the
incoming ADC sampling clock to derive the bit clock that is used to serialize the 12-bit output data from
each channel. In addition to the serial data streams,
the frame and bit clocks are also transmitted as
LVDS outputs.




Similar Part No. - ADC3421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
2Mb / 64P
ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421IRTQ25 TI1-ADC3421IRTQ25 Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC3421IRTQR TI1-ADC3421IRTQR Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
More results


Similar Description - ADC3421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
12-Bit, 125 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com