Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3421 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 3 Page - Texas Instruments

  ADC3421 Datasheet HTML 1Page - Texas Instruments ADC3421 Datasheet HTML 2Page - Texas Instruments ADC3421 Datasheet HTML 3Page - Texas Instruments ADC3421 Datasheet HTML 4Page - Texas Instruments ADC3421 Datasheet HTML 5Page - Texas Instruments ADC3421 Datasheet HTML 6Page - Texas Instruments ADC3421 Datasheet HTML 7Page - Texas Instruments ADC3421 Datasheet HTML 8Page - Texas Instruments ADC3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
42
41
40
39
38
37
36
35
34
33
32
31
30
29
56
55
54
53
52
51
50
49
48
47
46
45
44
43
DA1P
DVDD
DA0M
AVDD
AVDD
INAM
INBM
AVDD
INAP
GND Pad
(Back Side)
DD0M
DD1M
DD1P
DD0P
DVDD
PDN
AVDD
INDM
INDP
AVDD
INCP
AVDD
INCM
AVDD
DA1M
DA0P
AVDD
INBP
AVDD
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
5 Device Comparison Table
RESOLUTION
INTERFACE
(Bits)
25 MSPS
50 MSPS
80 MSPS
125 MSPS
160 MSPS
12
ADC3421
ADC3422
ADC3423
ADC3424
—
Serial LVDS
14
ADC3441
ADC3442
ADC3443
ADC3444
—
12
—
ADC34J22
ADC34J23
ADC34J24
ADC34J25
JESD204B
14
—
ADC34J42
ADC34J43
ADC34J44
ADC34J45
6 Pin Configuration and Functions
RTQ Package
VQFN-56
Top View
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com