Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3421 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 9Page - Texas Instruments ADC3421 Datasheet HTML 10Page - Texas Instruments ADC3421 Datasheet HTML 11Page - Texas Instruments ADC3421 Datasheet HTML 12Page - Texas Instruments ADC3421 Datasheet HTML 13Page - Texas Instruments ADC3421 Datasheet HTML 14Page - Texas Instruments ADC3421 Datasheet HTML 15Page - Texas Instruments ADC3421 Datasheet HTML 16Page - Texas Instruments ADC3421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
AC Performance: ADC3423 (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 80 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
ADC3423 (fS = 80 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fIN = 10 MHz
94
91
fIN = 70 MHz
81
96
92
Second-order harmonic
HD2
fIN = 100 MHz
97
93
dBc
distortion
fIN = 170 MHz
88
86
fIN = 230 MHz
87
85
fIN = 10 MHz
90
90
fIN = 70 MHz
81
91
90
HD3
Third-order harmonic distortion
fIN = 100 MHz
93
99
dBc
fIN = 170 MHz
96
93
fIN = 230 MHz
87
87
fIN = 10 MHz
99
94
fIN = 70 MHz
86
98
93
Non
Spurious-free dynamic range
fIN = 100 MHz
94
94
dBc
HD2, HD3
(excluding HD2, HD3)
fIN = 170 MHz
95
92
fIN = 230 MHz
94
91
fIN = 10 MHz
88
86
fIN = 70 MHz
78
89
86
THD
Total harmonic distortion
fIN = 100 MHz
91
90
dBc
fIN = 170 MHz
87
84
fIN = 230 MHz
84
82
fIN1 = 45 MHz,
–97
–97
fIN2 = 50 MHz
Two-tone, third-order
IMD3
dBFS
intermodulation distortion
fIN1 = 185 MHz,
–92
–92
fIN2 = 190 MHz
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com