Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3421 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 24Page - Texas Instruments ADC3421 Datasheet HTML 25Page - Texas Instruments ADC3421 Datasheet HTML 26Page - Texas Instruments ADC3421 Datasheet HTML 27Page - Texas Instruments ADC3421 Datasheet HTML 28Page - Texas Instruments ADC3421 Datasheet HTML 29Page - Texas Instruments ADC3421 Datasheet HTML 30Page - Texas Instruments ADC3421 Datasheet HTML 31Page - Texas Instruments ADC3421 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D405
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D406
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D403
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D404
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D401
Frequency (MHz)
0
8
16
24
32
40
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D402
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
7.17 Typical Characteristics: ADC3423
Typical values are at TA = 25°C, ADC sampling rate = 80 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
SFDR = 89 dBc, SNR = 70.7 dBFS, SINAD = 70.6 dBFS,
SFDR = 84 dBc, SNR = 70.9 dBFS, SINAD = 70.7 dBFS,
THD = 89 dBc, HD2 = 108 dBc, HD3 = 89 dBc
THD = 83 dBc, HD2 = 92 dBc, HD3 = 84 dBc
Figure 61. FFT for 10-MHz Input Signal (Dither On)
Figure 62. FFT for 10-MHz Input Signal (Dither Off)
SFDR = 92 dBc, SNR = 70.5 dBFS, SINAD = 70.4 dBFS,
SFDR = 86 dBc, SNR = 70.7 dBFS, SINAD = 70.5 dBFS,
THD = 91 dBc, HD2 = 112 dBc, HD3 = 92 dBc
THD = 84 dBc, HD2 = 92 dBc, HD3 = 86 dBc
Figure 63. FFT for 70-MHz Input Signal (Dither On)
Figure 64. FFT for 70-MHz Input Signal (Dither Off)
SFDR = 87 dBc, SNR = 70.2 dBFS, SINAD = 70.1 dBFS,
SFDR = 86 dBc, SNR = 70.5 dBFS, SINAD = 70.4 dBFS,
THD = 93 dBc, HD2 = 102 dBc, HD3 = 87 dBc
THD = 88 dBc, HD2 = 86 dBc, HD3 = 97 dBc
Figure 65. FFT for 170-MHz Input Signal (Dither On)
Figure 66. FFT for 170-MHz Input Signal (Dither Off)
28
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com