Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3421 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 28Page - Texas Instruments ADC3421 Datasheet HTML 29Page - Texas Instruments ADC3421 Datasheet HTML 30Page - Texas Instruments ADC3421 Datasheet HTML 31Page - Texas Instruments ADC3421 Datasheet HTML 32Page - Texas Instruments ADC3421 Datasheet HTML 33Page - Texas Instruments ADC3421 Datasheet HTML 34Page - Texas Instruments ADC3421 Datasheet HTML 35Page - Texas Instruments ADC3421 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
Input Clock Duty Cycle (%)
30
35
40
45
50
55
60
65
70
70.3
82
70.5
84
70.7
86
70.9
88
71.1
90
71.3
92
D429
SNR
SFDR
Input Clock Duty Cycle (%)
30
35
40
45
50
55
60
65
70
69.8
82
70
84
70.2
86
70.4
88
70.6
90
70.8
92
D430
SNR
SFDR
Differential Clock Amplitude (Vpp)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
66
90
68
93
70
96
72
99
74
102
76
105
D427
SNR
SFDR
Differential Clock Amplitude (Vpp)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
64
76
66
80
68
84
70
88
72
92
74
96
D428
SNR
SFDR
Temperature (°C)
-40
-15
10
35
60
85
80
84
88
92
96
100
D425
DVDD = 1.7 V
DVDD = 1.75 V
DVDD = 1.8 V
DVDD = 1.85 V
DVDD = 1.9 V
Temperature (°C)
-40
-15
10
35
60
85
69.5
69.9
70.3
70.7
71.1
71.5
D426
DVDD = 1.7 V
DVDD = 1.75 V
DVDD = 1.8 V
DVDD = 1.85 V
DVDD = 1.9 V
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics: ADC3423 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 80 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
Figure 85. Spurious-Free Dynamic Range vs
Figure 86. Signal-to-Noise Ratio vs
DVDD Supply and Temperature (170 MHz)
DVDD Supply and Temperature (170 MHz)
Figure 87. Performance vs Clock Amplitude (40 MHz)
Figure 88. Performance vs Clock Amplitude (150 MHz)
Figure 89. Performance vs Clock Duty cycle (30 MHz)
Figure 90. Performance vs Clock Duty Cycle (150 MHz)
32
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com