Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3421 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 4 Page - Texas Instruments

  ADC3421 Datasheet HTML 1Page - Texas Instruments ADC3421 Datasheet HTML 2Page - Texas Instruments ADC3421 Datasheet HTML 3Page - Texas Instruments ADC3421 Datasheet HTML 4Page - Texas Instruments ADC3421 Datasheet HTML 5Page - Texas Instruments ADC3421 Datasheet HTML 6Page - Texas Instruments ADC3421 Datasheet HTML 7Page - Texas Instruments ADC3421 Datasheet HTML 8Page - Texas Instruments ADC3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
6, 7, 10, 11, 14,
AVDD
15, 20, 23, 28, 29,
I
Analog 1.8-V power supply
32, 33, 36
CLKM
21
I
Negative differential clock input for the ADC
CLKP
22
I
Positive differential clock input for the ADC
DA0M
4
O
Negative serial LVDS output for wire-0 of channel A
DA0P
3
O
Positive serial LVDS output for wire-0 of channel A
DA1M
2
O
Negative serial LVDS output for wire-1 of channel A
DA1P
1
O
Positive serial LVDS output for wire-1 of channel A
DB0M
56
O
Negative serial LVDS output for wire-0 of channel B
DB0P
55
O
Positive serial LVDS output for wire-0 of channel B
DB1M
54
O
Negative serial LVDS output for wire-1 of channel B
DB1P
53
O
Positive serial LVDS output for wire-1 of channel B
DC0M
46
O
Negative serial LVDS output for wire-0 of channel C
DC0P
45
O
Positive serial LVDS output for wire-0 of channel C
DC1M
44
O
Negative serial LVDS output for wire-1 of channel C
DC1P
43
O
Positive serial LVDS output for wire-1 of channel C
DD0M
42
O
Negative serial LVDS output for wire-0 of channel D
DD0P
41
O
Positive serial LVDS output for wire-0 of channel D
DD1M
40
O
Negative serial LVDS output for wire-1 of channel D
DD1P
39
O
Positive serial LVDS output for wire-1 of channel D
DCLKM
51
O
Negative bit clock output
DCLKP
50
O
Positive bit clock output
DVDD
5, 38, 47, 52
I
Digital 1.8-V power supply
FCLKM
49
O
Negative frame clock output
FCLKP
48
O
Positive frame clock output
GND
PowerPAD™
I
Ground, 0 V
INAM
8
I
Negative differential analog input for channel A
INAP
9
I
Positive differential analog input for channel A
INBM
13
I
Negative differential analog input for channel B
INBP
12
I
Positive differential analog input for channel B
INCM
30
I
Negative differential analog input for channel C
INCP
31
I
Positive differential analog input for channel C
INDM
35
I
Negative differential analog input for channel D
INDP
34
I
Positive differential analog input for channel D
Power-down control. This pin can be configured via the SPI. This pin has an internal
PDN
37
I
150-k
Ω pulldown resistor.
RESET
24
I
Hardware reset; active high. This pin has an internal 150-k
Ω pulldown resistor.
SCLK
16
I
Serial interface clock input. This pin has an internal 150-k
Ω pulldown resistor.
SDATA
17
I
Serial interface data input. This pin has an internal 150-k
Ω pulldown resistor.
SDOUT
19
O
Serial interface data output
Serial interface enable; active low.
SEN
18
I
This pin has an internal 150-k
Ω pullup resistor to AVDD.
SYSREFM
26
I
Negative external SYSREF input
SYSREFP
25
I
Positive external SYSREF input
VCM
27
O
Common-mode voltage for analog inputs
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com