Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3421 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 35Page - Texas Instruments ADC3421 Datasheet HTML 36Page - Texas Instruments ADC3421 Datasheet HTML 37Page - Texas Instruments ADC3421 Datasheet HTML 38Page - Texas Instruments ADC3421 Datasheet HTML 39Page - Texas Instruments ADC3421 Datasheet HTML 40Page - Texas Instruments ADC3421 Datasheet HTML 41Page - Texas Instruments ADC3421 Datasheet HTML 42Page - Texas Instruments ADC3421 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
DAn_P
DBn_P
DAn_M
DBn_M
GND
Logic0
V
(1)
ODL =
350mV
-
Logic1
V
(1)
ODH =+350mV
V
OCM
69
69
69
73
73
73
77
77
77
81
81
81
85
85
85
85
89
89
89
Input Frequency, MHz
50
100
150
200
250
300
350
400
450
30
40
50
60
70
80
90
100
110
120
70
75
80
85
66.5
67
67.5
67.5
67.5
68
68
68
68.5
68.5
68.5
69
69
69
69.5
69.5
69.5
70
70
70
70.5
70.5
70.5
Input Frequency, MHz
50
100
150
200
250
300
350
400
450
30
40
50
60
70
80
90
100
110
120
66
66.5
67
67.5
68
68.5
69
69.5
70
70.5
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
7.20 Typical Characteristics: Contour
Typical values are at TA= 25°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when is chopper enabled, unless otherwise noted.
Figure 127. Spurious-Free Dynamic Range (SFDR)
Figure 128. Signal-to-Noise Ratio (SNR)
8 Parameter Measurement Information
8.1 Timing Diagrams
(1)
With an external 100-
Ω termination.
Figure 129. Serial LVDS Output Voltage Levels
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com