Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6002 Datasheet (PDF) - Elma Electronic Ltd

CPCI-R6002 Datasheet PDF - Elma Electronic Ltd
Part # CPCI-R6002
Download  CPCI-R6002 Download
File Size   154.79 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 6U CompactPCI Rear Transition Module with Rich I/O Interfaces

CPCI-R6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPCI-R6002 Datasheet PDF - Elma Electronic Ltd

Part # CPCI-R6002
Download  CPCI-R6002 Click to download

File Size   154.79 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 6U CompactPCI Rear Transition Module with Rich I/O Interfaces

CPCI-R6002 Datasheet (HTML) - Elma Electronic Ltd


CPCI-R6002 Product details

Features
● Rear Transition Module for ADLINK cPCI-6940, cPCI-6930,
cPCI-6530, cPCI-6520, cPCI-6510, cPCI-6510, cPCI-6210
processor blades
● Two onboard 7-pin SATA 3Gb/s connectors and one optional
onboard 2.5” SATA drive space
● DVI-I output dependent on processor blade, convertible to
VGA by adapter
● GbE, USB, COM interfaces on faceplate
● Dual slot 8HP version available with additional I/O interfaces




Similar Part No. - CPCI-R6002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
498Kb / 2P
PCI-X 64-bit/133MHz PMC slot
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
CPCI-R6002D ETC2-CPCI-R6002D Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
More results


Similar Description - CPCI-R6002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RIO-3309 ADVANTECH-RIO-3309 Datasheet
567Kb / 2P
6U CompactPCI짰 Rear Transition Boards
RIO-3311 ADVANTECH-RIO-3311 Datasheet
388Kb / 2P
6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3392MIL ADVANTECH-RIO-3392MIL Datasheet
641Kb / 1P
6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
logo
List of Unclassifed Man...
PXIS-3320 ETC2-PXIS-3320 Datasheet
666Kb / 1P
15-Slot 6U PXI/CompactPCI Chassis with AC
logo
Tyco Electronics
3-1469372-7 MACOM-3-1469372-7 Datasheet
123Kb / 2P
ATCA GUIE MODULE (REAR TRANSITION MODULE-A2)
logo
Advantech Co., Ltd.
RIO-3392MIL ADVANTECH-RIO-3392MIL_14 Datasheet
887Kb / 1P
6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com