Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6002 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # CPCI-R6002
Description  6U CompactPCI Rear Transition Module with Rich I/O Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

CPCI-R6002 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  CPCI-R6002 Datasheet HTML 1Page - Elma Electronic Ltd CPCI-R6002 Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
cPCI-R6002 Series
6U CompactPCI Rear Transition Module with Rich I/O Interfaces
Features
●
Rear Transition Module for ADLINK cPCI-6940, cPCI-6930,
cPCI-6530, cPCI-6520, cPCI-6510, cPCI-6510, cPCI-6210
processor blades
●
Two onboard 7-pin SATA 3Gb/s connectors and one optional
onboard 2.5” SATA drive space
●
DVI-I output dependent on processor blade, convertible to
VGA by adapter
●
GbE, USB, COM interfaces on faceplate
●
Dual slot 8HP version available with additional I/O interfaces
New
cPCI-R6002
cPCI-R6002D
Specifications
● Mechanical & Environmental
Form Factor
6U 4HP/8HP CompactPCI Rear Transition Module
233.35mm x 80mm
Equipped with CompatcPCI HM connectors J3, J4, J5
Operating Temperature
Standard Temperature: 0°C to 60°C
Storage Temperature
-40°C to 85°C
● Connectivity
Graphics
One DVI-I connector convertible to VGA by adapter
Ethernet
Two LAN ports on faceplate routed from processor board J3 switched from
PICMG 2.16
USB
1-slot: Two USB 2.0 ports on faceplate one onboard USB 2.0 by pin header for
expansion
2-slot: Two additional USB 2.0 ports on faceplate by layer 2 daughter board
Serial Port
One RS-232/422/485 by DB-9 on faceplate
One onboard COM box header supports TX/RX only
Audio
Mic-in/Line-out audio jack on faceplate supported by Realtek ALC262 HD
Audio codec (2-slot 8HP version only)
PS/2
One PS/2 keyboard/mouse on faceplate (2-slot 8HP version only)
PIM
Optional PIM support (contact your ADLINK representative for details)
● Storage
SATA
Two 7-pin SATA 3Gb/s signal connectors
One optional onboard 2.5” SATA 3Gb/s drive space by daughter board (2-slot
8HP version only)
● Compatibility
Processor Blades
cPCI-6940/cPCI-6930/cPCI-6530/cPCI-6520/cPCI-6510/cPCI-6210
Ordering Information
●
cPCI-R6002
1-slot (4HP) cPCI-R6002 with DVI, USB x2, GbE x2, COM x1,
2x SATA ports
●
cPCI-R6002D
2-slot (8HP) cPCI-R6002D with DVI, USB x4, GbE x2, COM x1,
audio, PS/2 KB/MS and 3x SATA ports
DVI
COM
USB x2
GbE x2
DVI
USB x2
KB/MS
LINE-OUT
MIC-IN
COM
USB x2
GbE x2


Similar Part No. - CPCI-R6002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
498Kb / 2P
PCI-X 64-bit/133MHz PMC slot
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
CPCI-R6002D ETC2-CPCI-R6002D Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
More results

Similar Description - CPCI-R6002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RIO-3309 ADVANTECH-RIO-3309 Datasheet
567Kb / 2P
6U CompactPCI짰 Rear Transition Boards
RIO-3311 ADVANTECH-RIO-3311 Datasheet
388Kb / 2P
6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3392MIL ADVANTECH-RIO-3392MIL Datasheet
641Kb / 1P
6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
logo
List of Unclassifed Man...
PXIS-3320 ETC2-PXIS-3320 Datasheet
666Kb / 1P
15-Slot 6U PXI/CompactPCI Chassis with AC
logo
Tyco Electronics
3-1469372-7 MACOM-3-1469372-7 Datasheet
123Kb / 2P
ATCA GUIE MODULE (REAR TRANSITION MODULE-A2)
logo
Advantech Co., Ltd.
RIO-3392MIL ADVANTECH-RIO-3392MIL_14 Datasheet
887Kb / 1P
6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com