Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6002 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # CPCI-R6002
Description  6U CompactPCI Rear Transition Module with Rich I/O Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

CPCI-R6002 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  CPCI-R6002 Datasheet HTML 1Page - Elma Electronic Ltd CPCI-R6002 Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
(1) Supports VGA only when mated with cPCI-6930.
(2) Two 7-pin SATA connectors and one onboard 2.5” SATA drive space
(3) TX/RX only
www.adlinktech.com
All products and company name listed are trademarks or trade names of their respective companies.
Updated Mar. 13, 2017. ©2017 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
Model
GbE
USB 2.0
COM
DVI
SATA
Mic-in/Line-out
PS/2 KB/MS
cPCI-R6002
Faceplate
2
2
1
1(1)
-
-
-
Onboard
-
1 (5-pin)
1 (10-pin)(3)
-
2 (7-pin)
-
-
cPCI-R6002D
Faceplate
2
4
1
1(1)
-
1
1
Onboard
-
1 (5-pin)
1 (10-pin)(3)
-
3(2)
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com