Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL80102 Datasheet (PDF) - Renesas Technology Corp

ISL80102 Datasheet PDF - Renesas Technology Corp
Part # ISL80102
Download  ISL80102 Download
File Size   1331.44 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance 2A and 3A Linear Regulators

ISL80102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80102 Datasheet PDF - Renesas Technology Corp

Part # ISL80102
Download  ISL80102 Click to download

File Size   1331.44 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance 2A and 3A Linear Regulators

ISL80102 Datasheet (HTML) - Renesas Technology Corp


ISL80102 Product details

• Stable with ceramic capacitors (Note 11)
• 2A and 3A output current ratings
• 2.2V to 6V input voltage range
• ±1.8% VOUT accuracy assured over line, load, and TJ = -40°C
to +125°C
• Very low 120mV dropout voltage at 3A (ISL80103)
• Very fast transient response
• Excellent 62dB PSRR
• 49μVRMS output noise
• Power-good output
• Adjustable inrush current limiting
• Short-circuit and over-temperature protection
• Available in a 10 Ld DFN




Similar Part No. - ISL80102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
High Performance 2A and 3A LDOs
September 30, 2009
ISL80102 INTERSIL-ISL80102 Datasheet
621Kb / 15P
High Performance 2A and 3A Linear Regulators
March 22, 2010
ISL80102 INTERSIL-ISL80102 Datasheet
850Kb / 15P
High Performance 2A and 3A Linear Regulators
March 24, 2011
ISL80102 INTERSIL-ISL80102 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL80102 INTERSIL-ISL80102 Datasheet
729Kb / 16P
High Performance 2A and 3A Linear Regulators
June 14, 2013
More results


Similar Description - ISL80102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
High Performance 2A and 3A LDOs
September 30, 2009
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
High Performance 2A and 3A Linear Regulators
March 22, 2010
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
High Performance 2A and 3A Linear Regulators
March 24, 2011
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
High Performance 2A and 3A Linear Regulators
June 14, 2013
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
High Performance 2A and 3A Linear Regulators
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
4A, High-Performance LDO Linear Regulators
2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com