Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1225Q Datasheet (PDF) - Diodes Incorporated

PI3DPX1225Q Datasheet PDF - Diodes Incorporated
Part # PI3DPX1225Q
Download  PI3DPX1225Q Download
File Size   209.13 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10Gbps USB Type-C DP2.1/USB3 6:4 Crossbar Linear ReDriver with Built-In Aux/SBU Switch

PI3DPX1225Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3DPX1225Q Datasheet PDF - Diodes Incorporated

Part # PI3DPX1225Q
Download  PI3DPX1225Q Click to download

File Size   209.13 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10Gbps USB Type-C DP2.1/USB3 6:4 Crossbar Linear ReDriver with Built-In Aux/SBU Switch

PI3DPX1225Q Datasheet (HTML) - Diodes Incorporated


PI3DPX1225Q Product details

-Flexible DP 2.1 UHBR10/USB 3.2 Gen 2 Type-C Switching for
DP-Alt Output
-Latency-Free DisplayPort ReDriver for Variable Video Frame
Rate Vontrol
-DP 2.1 UHBR10 (10 Gbps) and USB 3.2 Gen 2 (10 Gbps) Standard
Compliant
-Receiver Equalization, Flat Gain, -1dB Compression Output
Swing for Each DP/USB Mode
-Non-Blocking Ultra Low Latency Linear Re-Driving with
Transparent DisplayPort Link Training Support
-Built-In Control Logic for Type-C Plug/Unplug Normal and
Flipping Orientations with I2C Programming Mode
-Slave I2C Mode Speed Up to 1MHz
-Single Power Supply : 3.3V
-Supports AEC-Q100 Grade 3: -40oC to +85oC
-Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
-Halogen and Antimony Free. “Green” Device (Note 3)
-The PI3DPX1225Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
-Packaging (Pb-free & Green):
-40-Pin, 4×6mm, WQFN (ZLB)




Similar Part No. - PI3DPX1225Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1225Q DIODES-PI3DPX1225Q Datasheet
373Kb / 2P
UHBR13.5 6:4 Active-Crossbar Mux Improves Interconnectivity in Automotive USB 3.2/DP 2.1 USB Type-C® Connections
March 2025
More results


Similar Description - PI3DPX1225Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TS3USBCA4 TI1-TS3USBCA4_18 Datasheet
1Mb / 40P
USB Type-C SBU Multiplexer
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
logo
NXP Semiconductors
CBTL08GP053 NXP-CBTL08GP053 Datasheet
791Kb / 38P
USB Type-C High performance Crossbar Switch IC
Rev. 2 ??1 August 2016
logo
Diodes Incorporated
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com