Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1225Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3DPX1225Q
Description  10Gbps USB Type-C DP2.1/USB3 6:4 Crossbar Linear ReDriver with Built-In Aux/SBU Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1225Q Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3DPX1225Q Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
The DIODES PI3DPX1225Q is the USB Type-C DP-Alt DP 2.1
UHBR10/USB 3.2 Gen 2 6:4 Linear Redriver supporting DP
Link-Training Transparent for Source-side application, data rates
up to 10Gbps with AEC-Q100 grade 3 qualification. The device is
compliant to the VESA DP Alt 2.1 UHBR10 and USB 3.2 Gen 2
industry standard.
Each of the DP 2.1 UHBR10 and USB 3.2 Gen 2 differential sig-
nals can be easily adjustable with equalization, output swing and
gain values by the I2C control setting. It can optimize the DP/USB
10Gbps signal performance over a variety of physical mediums by
reducing Inter-symbol interference jitters.
Non-blocking Linear Redriver provides better additive jitter per-
formance than the conventional CMOS Limiting ReDriver. Linear
Equalization does not block the Receiver DFE’s adaptive channel
controls, supporting DisplayPort Transparent LT(Link Training)
without dependency of the DP-Aux channels listener.
Application(s)
Smart Cockpit, RSE, ADAS
PI3DPX1225Q
DP Alt
6:4
Linear ReDriver
CPU/GPU
USB
DP
Embedded Controller
PD Controller
SSRX/RX
ML x4-lane
AUX-ch
DPALT
SBU1/2
CC/VBUS
I2C
I2C
Figure 1-1 RSE Application Diagram
Features
Flexible DP 2.1 UHBR10/USB 3.2 Gen 2 Type-C Switching for
DP-Alt Output
Latency-Free DisplayPort ReDriver for Variable Video Frame
Rate Vontrol
DP 2.1 UHBR10 (10 Gbps) and USB 3.2 Gen 2 (10 Gbps) Standard
Compliant
Receiver Equalization, Flat Gain, -1dB Compression Output
Swing for Each DP/USB Mode
Non-Blocking Ultra Low Latency Linear Re-Driving with
Transparent DisplayPort Link Training Support
Built-In Control Logic for Type-C Plug/Unplug Normal and
Flipping Orientations with I2C Programming Mode
Slave I2C Mode Speed Up to 1MHz
Single Power Supply : 3.3V
Supports AEC-Q100 Grade 3: -40oC to +85oC
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The PI3DPX1225Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
40-Pin, 4×6mm, WQFN (ZLB)
Ordering Information
Ordering Number
Package
Code
Package Description
PI3DPX1225Q3ZLBEX
ZLB
40-Contact, WQFN6040-40
b
P
Lead-free Green
Notes:
• Q = Automotive Compliant
• 3 = AEC-Q100 Grade Level
• E = Pb-free and Green
•
Notes:
1.
2.
3.
antimony compounds.
4.
PI3DPX1225Q
1
A Product Line of
Diodes Incorporated
February 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI3DPX1225Q
Document Number DS46010 Rev 2-2
www.diodes.com
10Gbps USB Type-C DP2.1/USB3 6:4 Crossbar Linear ReDriver with Built-In Aux/SBU Switch


Similar Part No. - PI3DPX1225Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1225Q DIODES-PI3DPX1225Q Datasheet
373Kb / 2P
UHBR13.5 6:4 Active-Crossbar Mux Improves Interconnectivity in Automotive USB 3.2/DP 2.1 USB Type-C® Connections
March 2025
More results

Similar Description - PI3DPX1225Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TS3USBCA4 TI1-TS3USBCA4_18 Datasheet
1Mb / 40P
USB Type-C SBU Multiplexer
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
logo
NXP Semiconductors
CBTL08GP053 NXP-CBTL08GP053 Datasheet
791Kb / 38P
USB Type-C High performance Crossbar Switch IC
Rev. 2 ??1 August 2016
logo
Diodes Incorporated
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com