Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891 Datasheet (PDF) - Texas Instruments

AMC7891 Datasheet PDF - Texas Instruments
Part # AMC7891
Download  AMC7891 Download
File Size   1184.64 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs

AMC7891 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7891 Datasheet PDF - Texas Instruments

Part # AMC7891
Download  AMC7891 Click to download

File Size   1184.64 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs

AMC7891 Datasheet (HTML) - Texas Instruments


AMC7891 Product details

1FEATURES
23• 10-Bit, 500-kSPS SAR ADC:
– 8 External Analog Inputs
– VREF, 2 × VREF Input Ranges
• Four 10-Bit Monotonic DACs:
– 0 to 5-V Output Range
– Up to 10-mA Sink and Source Capability
– Power-On Reset to 0 V
• Internal 2.5-V Reference
• Internal Temperature Sensor:
– –40°C to +125°C Operation
– Accuracy of ±2.5°C
• 12 General-Purpose I/O Ports:
– 1.8-V to 5.5-V Operation
• Low-Power SPI™-Compatible Serial Interface:
– 4-Wire Mode, 1.8-V to 5.5-V Operation
– SCLK up to 30 MHz
• Temperature Range: –40°C to +105°C
• Low Power: 32.5 mW at 5 V, Full Operating
Conditions
• Space-Saving Package: 36-pin,
6-mm x 6-mm QFN

APPLICATIONS
• Cellular Base Stations
• RF Communication Systems
• Optical Networks
• General-Purpose Monitor and Control

DESCRIPTION
The AMC7891 is a highly-integrated, low-power,
complete analog monitoring and control system in a
very small package.
For monitoring functions, the AMC7891 has 8
uncommitted inputs multiplexed into a 10-bit SAR
analog-to-digital converter (ADC) and an accurate
on-chip temperature sensor. Control signals are
generated through four, independent, 10-bit
digital-to-analog converters (DACs). Additional digital
signal monitoring and control is accomplished through
twelve configurable GPIOs. An internal reference can
be used to drive the ADC and DACs.
Communication to the device is performed through a
versatile, four-wire serial interface compatible with
industry-standard microprocessors and
microcontrollers. The serial interface can operate at
clock rates up to 30 MHz, allowing quick access to
critical system data.
The device is characterized for operation over the
temperature range of –40ºC to 105ºC and is available
in a very small, 36-pin, 6-mm x 6-mm QFN package.
The AMC7891’s low power, small size and
high-integration make it an ideal low-cost, bias control
circuit for modern RF transistor modules such as the
power amplifiers (PA) and low-noise amplifiers (LNA)
found in RF communication systems. The AMC7891
feature set is similarly beneficial in general purpose
monitor and control systems.
For applications that require a different channel
count, additional features, or converter resolutions,
Texas Instruments offers a complete family of Analog
Monitor and Control (AMC) Products. See
http://www.ti.com/amc.




Similar Part No. - AMC7891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891SRHHR TI1-AMC7891SRHHR Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891SRHHT TI1-AMC7891SRHHT Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
More results


Similar Description - AMC7891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com