Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891 Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 4Page - Texas Instruments AMC7891 Datasheet HTML 5Page - Texas Instruments AMC7891 Datasheet HTML 6Page - Texas Instruments AMC7891 Datasheet HTML 7Page - Texas Instruments AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments AMC7891 Datasheet HTML 10Page - Texas Instruments AMC7891 Datasheet HTML 11Page - Texas Instruments AMC7891 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
– GENERAL SPECIFICATIONS
AVDD = 4.75 to 5.5 V, GPIOVDD = 1.8 to 5.5 V, SPIVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, External ADC reference = AVDD,
TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL PURPOSE I/O
GPIOVDD = 1.8 V
0.7
×GPIOVDD
V
VIH
High-level input voltage
GPIOVDD = 3.3 to 5.5 V
2.1
V
GPIOVDD = 1.8 V
0.3
V
VIL
Low-level input voltage
GPIOVDD = 3.3 to 5.5 V
0.8
V
Iload = 1.6 mA, GPIOVDD = 1.8V, All GPIOs
GPIOVDD - 0.25
V
loaded and set to
'1'
VOH
High-level output voltage
Iload = 1.6 mA, GPIOVDD = 3.3 to 5.5V, All
GPIOVDD - 0.2
V
GPIOs loaded and set to
'1'
VOL
Low-level output voltage
Iload = -1.6 mA, All GPIOs loaded
0.4
V
Input capacitance (1)
1
pF
High impedance output
1
pF
capacitance (1)
LOGIC INPUTS: CS, SDI, SCLK
SPIVDD = 1.8 V
0.7
×SPIVDD
V
VIH
High-level input voltage
SPIVDD = 3.3 to 5.5 V
2.1
V
SPIVDD = 1.8 V
0.3
V
VIL
Low-level input voltage
SPIVDD = 3.3 to 5.5 V
0.7
V
Input current
±1
µA
Input capacitance (1)
1
pF
High impedance output
1
pF
capacitance (1)
LOGIC OUTPUT: SDO
VOH
High-level output voltage
Iload = 1.6 mA
SPIVDD - 0.2
V
VOL
Low-level output voltage
Iload = -1.6 mA
0.4
V
LOGIC OUTPUT: DAV
VOL
Low-level output voltage
Iload = -2 mA
0.4
V
POWER REQUIREMENTS
AVDD
4.75
5
5.5
V
GPIOVDD
1.8
5.5
V
SPIVDD
1.8
5.5
V
Total supply current, AVDD +
IDD
Operating mode(2)
6.5
10
mA
GPIOVDD + SPIVDD
Power down mode
1.25
2
mA
Power consumption
Operating mode(2)
32.5
55
mW
Power down mode
6.25
11
mW
OPERATING RANGE
Specified temperature range
–40
25
105
°C
(1)
Specified by design. Not tested in production.
(2)
AVDD = GPIOVDD = SPIVDD = 5 V. No DAC load, all DACs at 0x200 code and ADC at the fastest auto conversion rate.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com