Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891 Datasheet(PDF) 32 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 28Page - Texas Instruments AMC7891 Datasheet HTML 29Page - Texas Instruments AMC7891 Datasheet HTML 30Page - Texas Instruments AMC7891 Datasheet HTML 31Page - Texas Instruments AMC7891 Datasheet HTML 32Page - Texas Instruments AMC7891 Datasheet HTML 33Page - Texas Instruments AMC7891 Datasheet HTML 34Page - Texas Instruments AMC7891 Datasheet HTML 35Page - Texas Instruments AMC7891 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
GENERAL PURPOSE INPUT/OUTPUT PINS
The AMC7891 has twelve GPIO pins. Each GPIO provides a bidirectional, digital I/O signal. These pins can
receive an input or produce an output as configured by the GPIO_config register.
To configure the GPIOxx pin as an output, the corresponding ioxx_io bit needs to be set to
‘1’. The GPIOxx is an
output driver with a pull to the value of the corresponding ioxx_out bit in register GPIO_out.
To set the GPIOxx pin as an input, the corresponding ioxx_io bit has to be cleared to
‘0’. In this mode the
GPIOxx pin is in high-impedance state and the read value is stored in the corresponding ioutxx_in bit in register
GPIO_in. When set as an input, writes to the GPIO_out register do not affect the GPIO values.
After a power-on or reset event, all the GPIO pins are set as inputs and, hence in high-impedance state.
POWER-UP SEQUENCE
After all supplies are established, serial communication with the AMC7891 is valid only after a 200
µs power-up
reset delay. Following this, a software reset should be issued to ensure proper operation of the AMC7891. A
software reset is issued by writing the value
‘0x6600’ to reset[15:0] in register AMC_reset. Communication to the
AMC7891 is re-established after a 200
µS delay from the reset operation (measured from the rising edge of CS
establishing the end of the reset command frame).
At power-up or after a software-reset command all registers are set to the default values (see Table 6). The
default state of all analog blocks is off as determined by the default value of the AMC_power register.
For the device to work properly, AVDD must power up before applying any inputs to the GPIO pins. In addition, if
using an external ADC reference AVDD must power up before the external reference voltage is applied to the
REF pin.
The following power-up sequence is recommended for the AMC7891.
1. No input should be applied to the GPIO pins. Also, if using an external ADC reference, it should not be
applied to the REF pin.
2. Supply all voltages (AVDD, GPIOVDD and SPIVDD). If possible, it is recommended to apply IOVDD before
AVDD. However, the supplies can be powered up simultaneously or in any order with no detrimental effect to
the device.
3. After AVDD has been applied there is a 200 µs power-up reset delay. No serial communication should be
attempted during this time.
4. Issue a software-reset command by writing the value
‘0x6600’ to reset[15:0] in register AMC_reset.
5. Wait at least 200
µs from the rising edge of CS to complete the software-reset.
6. Program the registers according to the desired mode of operation.
32
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com