Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments AMC7891 Datasheet HTML 10Page - Texas Instruments AMC7891 Datasheet HTML 11Page - Texas Instruments AMC7891 Datasheet HTML 12Page - Texas Instruments AMC7891 Datasheet HTML 13Page - Texas Instruments AMC7891 Datasheet HTML 14Page - Texas Instruments AMC7891 Datasheet HTML 15Page - Texas Instruments AMC7891 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
−1.000
−0.750
−0.500
−0.250
0.000
0.250
0.500
0.750
1.000
0
128
256
384
512
640
768
896
1024
Code
T=25ºC
G013
−1.000
−0.750
−0.500
−0.250
0.000
0.250
0.500
0.750
1.000
0
128
256
384
512
640
768
896
1024
Code
T=25ºC
G014
−1.000
−0.750
−0.500
−0.250
0.000
0.250
0.500
0.750
1.000
−40
−20
0
20
40
60
80
100
120
INL Max
INL Min
Temperature (°C)
G015
−1.000
−0.750
−0.500
−0.250
0.000
0.250
0.500
0.750
1.000
−40
−20
0
20
40
60
80
100
120
DNL Max
DNL Min
Temperature (°C)
G016
−2.000
−1.500
−1.000
−0.500
0.000
0.500
1.000
1.500
2.000
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G017
−2.000
−1.500
−1.000
−0.500
0.000
0.500
1.000
1.500
2.000
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G017
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: ADC
AVDD = 5 V, GPIOVDD = 5 V, SPIVDD = 5 V, AGND = DGND = 0 V, External ADC reference = AVDD
(unless otherwise noted)
Figure 12. ADC INTEGRAL NON-LINEARITY
Figure 13. ADC DIFFERENTIAL NON-LINEARITY
Figure 14. ADC INL vs. TEMPERATURE
Figure 15. ADC DNL vs. TEMPERATURE
Figure 16. ADC OFFSET ERROR vs. TEMPERATURE
Figure 17. ADC GAIN ERROR vs. TEMPERATURE
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com