Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891 Datasheet(PDF) 28 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 24Page - Texas Instruments AMC7891 Datasheet HTML 25Page - Texas Instruments AMC7891 Datasheet HTML 26Page - Texas Instruments AMC7891 Datasheet HTML 27Page - Texas Instruments AMC7891 Datasheet HTML 28Page - Texas Instruments AMC7891 Datasheet HTML 29Page - Texas Instruments AMC7891 Datasheet HTML 30Page - Texas Instruments AMC7891 Datasheet HTML 31Page - Texas Instruments AMC7891 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
Table 4. Temperature Data Format
TEMPERATURE (
°C)
DIGITAL CODE
+255.875
011111111111
+150
010010110000
+100
001100100000
+50
000110010000
+25
000011001000
+1
000000001000
0
000000000000
–1
111111111000
–25
111100111000
–50
111001110000
–100
110011100000
–150
101101010000
–256
100000000000
The temperature conversion time is by default 15 ms but it can be increased by setting temp_rate[2:0]
(TEMP_rate register, bits [2:0]) as shown in Table 5.
Table 5. Temperature Conversion Time
adc_rate[2:0]
CONVERSION TIME
000
128x
001
64x
010
32x
011
16x
100
8x
101
4x
110
2x
111
15 ms
28
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com