Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7891 Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 2 Page - Texas Instruments

  AMC7891 Datasheet HTML 1Page - Texas Instruments AMC7891 Datasheet HTML 2Page - Texas Instruments AMC7891 Datasheet HTML 3Page - Texas Instruments AMC7891 Datasheet HTML 4Page - Texas Instruments AMC7891 Datasheet HTML 5Page - Texas Instruments AMC7891 Datasheet HTML 6Page - Texas Instruments AMC7891 Datasheet HTML 7Page - Texas Instruments AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
36
35
34
33
32
31
30
29
28
10
11
12
13
14
15
16
17
18
AV
DD
AGND1
DGND
GPIOV
DD
SPIV
DD
CS
SCLK
SDI
SDO
DAV
GPIOB3
GPIOB2
GPIOB1
GPIOB0
GPIOA3
GPIOA2
GPIOA1
GPIOA0
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
RHH PACKAGE
QFN-36
(TOP VIEW)
AMC7891 Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
AVDD
I
Analog supply voltage. (4.75 V to 5.5 V)
2
AGND1
I
Analog ground. Ground reference point for all analog circuitry on the device, AGND. Connect AGND1 and
AGND2 to the same potential, AGND.
3
DGND
I
Digital ground. Ground reference point for all digital circuitry on the device. Ideally, AGND and DGND should
be at the same potential and must not differ by more than 0.3 V.
4
GPIOVDD
I
GPIO supply voltage. (1.8 V to 5.5 V)
Sets the GPIO operating voltage and threshold levels.
5
SPIVDD
I
Serial interface supply voltage. (1.8 V to 5.5 V)
Sets the serial interface operating voltage and threshold levels.
6
CS
I
Active low serial data enable. Schmitt-trigger logic input.
This input is the frame synchronization signal for the serial data. When this signal goes low, it enables the
input shift register and data is sampled on subsequent falling clock edges. The DAC output and register
settings update following the 24th clock. If CS goes high before the 23th clock edge, the command is
ignored.
7
SCLK
I
Serial interface clock. Schmitt-trigger logic input.
Maximum SCLK rate is 30MHz.
8
SDI
I
Serial interface data input. Schmitt-trigger logic input.
Data is clocked into the input shift register on each falling edge of SCLK.
9
SDO
O
Serial interface data output. The SDO pin is in high impedance when CS is high.
Data is clocked out of the input shift register on each rising edge of SCLK.
10
DACOUT3
O
DAC3 buffered output. (0 V to AVDD).
Can source/sink up to 10 mA.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com