Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491HV13TR Datasheet (PDF) - STMicroelectronics

TDA7491HV13TR Datasheet PDF - STMicroelectronics
Part # TDA7491HV13TR
Download  TDA7491HV13TR Download
File Size   3715.15 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 W 20 W dual BTL class-D audio amplifier

TDA7491HV13TR Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7491HV13TR Datasheet PDF - STMicroelectronics

Part # TDA7491HV13TR
Download  TDA7491HV13TR Click to download

File Size   3715.15 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 W 20 W dual BTL class-D audio amplifier

TDA7491HV13TR Datasheet (HTML) - STMicroelectronics


TDA7491HV13TR Product details

Features
• 20 W + 20 W continuous output power:
– RL = 8 Ω, THD = 10% at VCC = 18 V
• Wide-range single-supply operation (5 - 18 V)
• High efficiency (η = 90%)
• Four selectable, fixed gain settings of nominally 20 dB, 26 dB, 30 dB and 32 dB
• Differential input minimize common-mode noise
• No ‘pop’ at turn-on/off
• Standby and mute features
• Short-circuit protection
• Thermal overload protection
• External synchronisation




Similar Part No. - TDA7491HV13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491HV13TR STMICROELECTRONICS-TDA7491HV13TR Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
More results


Similar Description - TDA7491HV13TR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
Dual 20 W BTL power amplifier
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
Dual 20 W BTL audio power amplifier
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
CCA042V1 STMICROELECTRONICS-CCA042V1 Datasheet
100Kb / 5P
20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV
25-Oct-2012
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
STEVAL-CCA042V1 STMICROELECTRONICS-STEVAL-CCA042V1 Datasheet
107Kb / 4P
20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief
October 2012 Rev 1
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com