Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492P Datasheet (PDF) - STMicroelectronics

TDA7492P Datasheet PDF - STMicroelectronics
Part # TDA7492P
Download  TDA7492P Download
File Size   485.41 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 W 25 W dual BTL class-D audio amplifier

TDA7492P Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7492P Datasheet PDF - STMicroelectronics

Part # TDA7492P
Download  TDA7492P Click to download

File Size   485.41 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 W 25 W dual BTL class-D audio amplifier

TDA7492P Datasheet (HTML) - STMicroelectronics


TDA7492P Product details

Features
 25 W + 25 W continuous output power at
THD = 10% with VCC = 20 V and RL = 8 
 Wide-range single-supply operation (8 - 26 V)
 High efficiency ( = 90%)
 Four selectable, fixed gain settings of
nominally 21.6 dB, 27.6 dB, 31.1 dB and
33.6 dB
 Differential inputs minimize common-mode
noise
 Standby and mute features
 Short-circuit protection
 Thermal overload protection
 Externally synchronizable
 ECOPACK®, environmentally-friendly package




Similar Part No. - TDA7492P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
2Mb / 19P
45 W 45 W dual BTL class-D audio amplifier
21-Sep-2020
More results


Similar Description - TDA7492P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com