Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL80112 Datasheet (PDF) - Renesas Technology Corp

ISL80112 Datasheet PDF - Renesas Technology Corp
Part # ISL80112
Download  ISL80112 Download
File Size   1094.83 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs

ISL80112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80112 Datasheet PDF - Renesas Technology Corp

Part # ISL80112
Download  ISL80112 Click to download

File Size   1094.83 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs

ISL80112 Datasheet (HTML) - Renesas Technology Corp


ISL80112 Product details

Features
• Ultra low dropout: 75mV at 3A, (typical)
• Excellent VIN PSRR: 70dB at 1kHz (typical)
• ±1.6% assured VOUT accuracy for -40ºC < TJ < +125ºC
• Very fast load transient response
• Extensive protection and reporting features
• VIN range: 0.7V to 3.6V, VOUT range: 0.5V to 3.3V
• Small 10 Ld 3x3 DFN package




Similar Part No. - ISL80112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80112 INTERSIL-ISL80112 Datasheet
756Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Renesas Technology Corp
ISL80112 RENESAS-ISL80112 Datasheet
972Kb / 16P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80112 INTERSIL-ISL80112 Datasheet
761Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80112EVAL1Z INTERSIL-ISL80112EVAL1Z Datasheet
761Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Renesas Technology Corp
ISL80112EVAL1Z RENESAS-ISL80112EVAL1Z Datasheet
972Kb / 16P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
More results


Similar Description - ISL80112

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
2A Ultra Low Dropout Voltage Regulator
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
3A, Ultra-Low Dropout Voltage Regulator
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com