Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP6274 Datasheet (PDF) - Exar Corporation

XRP6274 Datasheet PDF - Exar Corporation
Part # XRP6274
Download  XRP6274 Download
File Size   1091.09 Kbytes
Page   11 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2A Ultra Low Dropout Voltage Regulator

XRP6274 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRP6274 Datasheet PDF - Exar Corporation

Part # XRP6274
Download  XRP6274 Click to download

File Size   1091.09 Kbytes
Page   11 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2A Ultra Low Dropout Voltage Regulator

XRP6274 Datasheet (HTML) - Exar Corporation




Similar Part No. - XRP6274

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6272 EXAR-XRP6272 Datasheet
929Kb / 13P
2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272IDBTR-F EXAR-XRP6272IDBTR-F Datasheet
929Kb / 13P
2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6275 EXAR-XRP6275 Datasheet
1Mb / 11P
3A Ultra Low Dropout Voltage Regulator
More results


Similar Description - XRP6274

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
2A Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS278R00 TSC-TS278R00 Datasheet
179Kb / 4P
2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
2A Ultra Low Dropout Voltage Regulator w/Disable
logo
Advanced Power Electron...
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Nuvoton Technology Corp...
NCT3720S NUVOTON-NCT3720S Datasheet
712Kb / 15P
Maximum 2A, Ultra Low Dropout Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
2A Ultra Low Dropout Linear Regulator
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com