Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A.A Datasheet (PDF) - Texas Instruments

BQ78350DBT-R1A.A Datasheet PDF - Texas Instruments
Part # BQ78350DBT-R1A.A
Download  BQ78350DBT-R1A.A Download
File Size   979.41 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE

BQ78350DBT-R1A.A Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ78350DBT-R1A.A Datasheet PDF - Texas Instruments

Part # BQ78350DBT-R1A.A
Download  BQ78350DBT-R1A.A Click to download

File Size   979.41 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE

BQ78350DBT-R1A.A Datasheet (HTML) - Texas Instruments


BQ78350DBT-R1A.A Product details

1 Features
1• Compensated end-of-discharge voltage (CEDV)
gauging algorithm
• Supports SMBus host communication
• Flexible configuration for 3- to 5-series
(BQ76920), 6- to 10-series (BQ76930), and 9- to
15-series (BQ76940) li-ion and LiFePO4 batteries
• Supports battery configurations up to 320 Ahr
• Supports charge and discharge current reporting
up to 320 A
• On-chip temperature sensor option
• External NTC thermistor support from companion
AFE
• Full array of programmable protection features
– Voltage, current, and temperature
– System components
• Lifetime data logging
• Supports CC-CV charging, including precharge,
charge inhibit, and charge suspend
• Offers an optional resistor programmable SMBus
slave address for up to eight different bus
addresses
• Drives up to a 5-segment LED or LCD display for
state-of-charge indication
• Provides SHA-1 authentication

2 Applications
• Light electric vehicles (levs): ebikes, escooters,
pedelec, and pedal-assist bicycles
• Power and gardening tools
• Battery backup and uninterruptible power supply
(UPS) systems
• Wireless base station backup systems
• Telecom power systems
• Handheld vacuum cleaners and robot vacuums

3 Description
The Texas Instruments BQ78350-R1A li-ion and
LiFePO4 Battery Management Controller and
companion to the BQ769x0 family of analog front end
(AFE) protection devices provides a comprehensive
set of Battery Management System (BMS)
subsystems, helping to accelerate product
development for faster time-to-market.
The BQ78350-R1A controller and the BQ769x0 AFE
support 3-series to 15-series cell applications. The
BQ78350-R1A device provides an accurate fuel
gauge and state-of-health (SoH) monitor, as well as
cell balancing and a full range of voltage-, current-,
and temperature-based protection features.




Similar Part No. - BQ78350DBT-R1A.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78350DBT-R1A.A TI2-BQ78350DBT-R1A.A Datasheet
975Kb / 31P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
DECEMBER 2019
More results


Similar Description - BQ78350DBT-R1A.A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6871 ATMEL-ATA6871 Datasheet
811Kb / 23P
Li-ion Battery Management Monitoring Emergency and Backup Circuit
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
logo
STMicroelectronics
STEVAL-ISB009V1 STMICROELECTRONICS-STEVAL-ISB009V1 Datasheet
91Kb / 4P
Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
05-Nov-2010
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
Single Cell Li-Ion Battery Gas Gauge and Protection
BQ3055 TI1-BQ3055_15 Datasheet
1Mb / 38P
CEDV Gas Gauge and Battery Pack Manager
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
Single Cell Li-Ion Battery Gas Gauge
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
Battery Management Controller Companion
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
Multi-Chemistry CEDV Battery Gas Gauge
BQ78350-R1A TI1-BQ78350-R1A Datasheet
590Kb / 26P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com