Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A.A Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ78350DBT-R1A.A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ78350DBT-R1A.A Datasheet HTML 2Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 3Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 4Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 5Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 6Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 7Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 9Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
BQ78350-R1A
SLUSE05 – DECEMBER 2019
www.ti.com
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Full-scale reference
(2)
Post-calibration performance and no I/O changes during conversion with VSS as the ground reference
(3)
Uncalibrated performance. This gain error can be eliminated with external calibration.
(4)
The A/D input is a switched-capacitor input. Since the input is switched, the effective input resistance is a measure of the average
resistance.
7.7 Electrical Characteristics: ADC
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
BAT, VAUX
–0.2
1
V
Conversion time
16
ms
Resolution (no missing codes)
16
bits
Effective resolution
13
14
bits
Integral nonlinearity
±0.03%
FSR(1)
Offset error(2)
140
250
µV
Offset error drift(2)
TA = 25°C to 85°C
2.5
18
µV/°C
Full-scale error(3)
±0.1%
±0.7%
Full-scale error drift
50
PPM/°C
Effective input resistance(4)
8
MΩ
7.8 Electrical Characteristics: Power-On Reset
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT–
Negative-going voltage input
1.7
1.8
1.9
V
VHYS
Power-on reset hysteresis
50
125
200
mV
(1)
The frequency error is measured from 4.194 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The start-up time is defined as the time it takes for the oscillator output frequency to be within 1% of the specified frequency.
(4)
The frequency error is measured from 32.768 kHz.
(5)
The start-up time is defined as the time it takes for the oscillator output frequency to be ±3%.
7.9 Electrical Characteristics: Oscillator
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(OSC)
Operating frequency
4.194
MHz
f(EIO)
Frequency error(1)(2)
–3%
0.25%
3%
TA = 20°C to 70°C
–2
0.25
2
t(SXO)
Start-up time(3)
2.5
5
ms
LOW FREQUENCY OSCILLATOR
f(LOSC)
Operating frequency
32.768
kHz
f(LEIO)
Frequency error(2)(4)
–2.5%
0.25%
2.5%
TA = 20°C to 70°C
–1.5
0.25
1.5
t(LSXO)
Start-up time(5)
500
ms
(1)
Specified by design. Not production tested
7.10 Electrical Characteristics: Data Flash Memory
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention
See note(1)
10
Years
Flash programming write-cycles
See note(1)
20,000
Cycles
t(WORDPROG)
Word programming time
See note(1)
2
ms
I(DDdPROG)
Flash-write supply current
See note(1)
5
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com