Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A.A Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ78350DBT-R1A.A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ78350DBT-R1A.A Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 9Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 10Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 11Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 12Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 13Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 14Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 15Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
BQ78350-R1A
SLUSE05 – DECEMBER 2019
www.ti.com
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.7.2 Voltage
The BQ78350-R1A device updates the individual series cell voltages through the BQ769x0 at 1-s intervals. The
BQ78350-R1A device configures the BQ769x0 to connect to the selected cells in sequence and uses this
information for cell balancing and individual cell fault functions. The internal 14-bit ADC of the BQ769x0
measures each cell voltage value, which is then communicated digitally to the BQ78350-R1A device where they
are scaled and translated into unit mV. The maximum supported input range of the ADC is 6.075 V.
The BQ78350-R1A device also separately measures the average cell voltage through an external translation
circuit at the BAT pin. This value is specifically used for the fuel gauge algorithm. The external translation circuit
is controlled via the VEN pin so that the translation circuit is only enabled when required to reduce overall power
consumption. For correct operation, VEN requires an external pull-up to VCC, typically 100 k.
In addition to the voltage measurements used by the BQ78350-R1A algorithms, there is an optional auxiliary
voltage measurement capability via the VAUX pin. This feature measures the input on a 1-s update rate and
provides the programmable scaled value through an SMBus command.
To support large battery configurations, the voltage data can be scaled to ensure accurate reporting through the
SMBus. The data reported is scaled based on the setting of the SpecificationInfo() command.
8.3.7.3 Temperature
The BQ78350-R1A device receives temperature information from external or internal temperature sensors in the
BQ769x0 AFE. Depending on the number of series cells supported, the AFE will provide one, two, or three
external thermistor measurements.
8.4 Device Functional Modes
The BQ78350-R1A device supports three power modes to optimize the power consumption:
•
In NORMAL mode, the device performs measurements, calculations, protection decisions, and data updates
in 1-s intervals. Between these intervals, the device is in a reduced power mode.
•
In SLEEP mode, the device performs measurements, calculations, protection decisions, and data updates in
adjustable time intervals. Between these intervals, the device is in a reduced power mode.
•
In SHUTDOWN mode, the device is completely powered down.
The device indicates through the PWRM pin which power mode it is in. This enables other circuits to change
based on the power mode detection criteria of the device.
8.5 Programming
8.5.1 Physical Interface
The device uses SMBus 1.1 with packet error checking (PEC) as an option and is used as a slave only.
8.5.2 SMBus Address
The device determines its SMBus 1.1 slave address through a voltage on SMBA, Pin 30. The voltage is set with
a pair of high-value resistors if an alternate address is required and is measured either upon exit of POR or when
system present is detected. ADREN, Pin 29, may be used to disable the voltage divider after use to reduce
power consumption.
8.5.3 SMBus On and Off State
The device detects an SMBus off state when SMBC and SMBD are logic-low for
≥ 2 seconds. Clearing this state
requires either SMBC or SMBD to transition high. Within 1 ms, the communication bus is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com