Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A.A Datasheet(PDF) 21 Page - Texas Instruments

Part # BQ78350DBT-R1A.A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ78350DBT-R1A.A Datasheet HTML 17Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 18Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 19Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 20Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 21Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 22Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 23Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 24Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
±10
±8
±6
±4
±2
0
2
4
6
8
10
±20
0
20
40
60
80
Forced Temperature (ƒC)
C009
At ±2000mA
±14
±12
±10
±8
±6
±4
±2
0
2
4
6
±20
0
20
40
60
80
Forced Temperature (ƒC)
C007
21
BQ78350-R1A
www.ti.com
SLUSE05 – DECEMBER 2019
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 13. Battery Discharge Current Error Reported
Through Current()
Figure 14. Battery Temperature (External) Error Reported
Through Temperature()
10 Power Supply Recommendations
The BQ78350-R1A device is powered directly from the 2.5-V REGOUT pin of the BQ769x0 companion AFE. An
input capacitor of 0.1 µF is required between VCC and VSS and should be placed as close to the BQ78350-R1A
device as possible.
To ensure correct power up of the BQ78350-R1A device, a 100-k resistor between MRST and VCC is also
required. See the Schematic for further details.
11 Layout
11.1 Layout Guidelines
11.1.1 Power Supply Decoupling Capacitor
Power supply decoupling from VCC to ground is important for optimal operation of the BQ78350-R1A device. To
keep the loop area small, place this capacitor next to the IC and use the shortest possible traces. A large-loop
area renders the capacitor useless and forms a small-loop antenna for noise pickup.
Ideally, the traces on each side of the capacitor must be the same length and run in the same direction to avoid
differential noise during ESD. If possible, place a via near the VSS pin to a ground plane layer.
Placement of the RBI capacitor is not as critical. It can be placed further away from the IC.
11.1.2 MRST Connection
The MRST pin controls the gas gauge reset state. The connections to this pin must be as short as possible to
avoid any incoming noise. Direct connection to VCC is possible if the reset functionality is not desired or
necessary.
If unwanted resets are found, one or more of the following solutions may be effective:
•
Add a 0.1-μF capacitor between MRST and ground.
•
Provide a 1-kΩ pullup resistor to VCC at MRST.
•
Surround the entire circuit with a ground pattern.
If a test point is added at MRST, it must be provided with a 10-kΩ series resistor.
11.1.3 Communication Line Protection Components
The 5.6-V Zener diodes, which protect the BQ78350-R1A communication pins from ESD, must be located as
close as possible to the pack connector. The grounded end of these Zener diodes must be returned to the
PACK(–) node, rather than to the low-current digital ground system. This way, ESD is diverted away from the
sensitive electronics as much as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com