Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1A.A Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ78350DBT-R1A.A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A.A Datasheet(HTML) 4 Page - Texas Instruments

  BQ78350DBT-R1A.A Datasheet HTML 1Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 2Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 3Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 4Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 5Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 6Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 7Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
BQ78350-R1A
SLUSE05 – DECEMBER 2019
www.ti.com
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
17
LED2
O
LED2/LCD2 display segment that drives an external LED/LCD, depending on the firmware
configuration
18
LED3
O
LED3/LCD3 display segment that drives an external LED/LCD, depending on the firmware
configuration
19
LED4
O
LED4/LCD4 display segment that drives an external LED/LCD, depending on the firmware
configuration
20
LED5
O
LED5/LCD5 display segment that drives an external LED/LCD, depending on the firmware
configuration
21
GPIO A
I/O
Configurable Input or Output. If not used, tie to VSS.
22
VSS
—
Negative supply voltage
23
VSS
—
Negative supply voltage
24
MRST
I
Master reset input that forces the device into reset when held low. This pin must be held high for
normal operation.
25
VSS
—
Negative supply voltage
26
VCC
P
Positive supply voltage
27
RBI
P
RAM backup input. Connect a capacitor to this pin and VSS to protect loss of RAM data in case of
short circuit condition.
28
GPIO B
I/O
Configurable input or output. If not used, tie to VSS.
29
ADREN
O
Optional digital signal enables address detection measurement to reduce power consumption.
30
SMBA
IA
Optional SMBus address detection input. If this pin is not used, then it should be tied to VSS.
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC relative to VSS
Supply voltage range
–0.3
2.75
V
V(IOD) relative to VSS
Open-drain I/O pins
–0.3
6
V
VI relative to VSS
Input voltage range to all other pins
–0.3
VCC + 0.3
V
Operating free-air temperature range, TA
–40
85
°C
Storage temperature range, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Human Body Model (HBM) ESD stress voltage(1)
±2000
V
Charged Device Model (CDM) ESD stress voltage(2)
±500
7.3 Recommended Operating Conditions
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.4
2.5
2.6
V
VO
Output voltage range
SAFE
VCC
SMBC, SMBD, VEN
5.5
V
ADREN, GPIO A, GPIO B, SDATA, SCLK,
PWRM, LED1...5 (when used as GPO)
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com