Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS64T Datasheet (PDF) - RAMXEED LIMITED

MB85RS64T Datasheet PDF - RAMXEED LIMITED
Part # MB85RS64T
Download  MB85RS64T Download
File Size   1838.88 Kbytes
Page   31 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 64 K (8 K x 8) Bit SPI

MB85RS64T Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RS64T Datasheet PDF - RAMXEED LIMITED

Part # MB85RS64T
Download  MB85RS64T Click to download

File Size   1838.88 Kbytes
Page   31 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 64 K (8 K x 8) Bit SPI

MB85RS64T Datasheet (HTML) - RAMXEED LIMITED


MB85RS64T Product details

DESCRIPTION
MB85RS64T is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 8,192 words 
bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the nonvolatile
memory cells.
MB85RS64T adopts the Serial Peripheral Interface (SPI).
The MB85RS64T is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS64T can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS64T does not take long time to write data like Flash memories or E2PROM, and MB85RS64T takes
no wait time.
FEATURES
Bit configuration : 8,192 words  8 bits
Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
Operating frequency : 10 MHz (Max)
High endurance : 1013 times / byte
Data retention : 40.2 years (  85 C), 383 years (  55 C)
Operating power supply voltage : 1.7 V to 3.6 V
Low power consumption : Operating power supply current 0.8 mA (Max@10 MHz)
Standby current 9 A (Typ)
Operation ambient temperature range :  40 C to +85 C
Package : 8-pin plastic SOP (FPT-8P-M02)
RoHS compliant




Similar Part No. - MB85RS64T

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS64 FUJITSU-MB85RS64 Datasheet
295Kb / 32P
64 K (8 K횞8) ?볝긿?늆PI
logo
RAMXEED LIMITED
MB85RS64 RAMXEED-MB85RS64 Datasheet
2Mb / 31P
64 K (8 K x 8) Bit SPI
logo
fujitsu semiconductor
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
logo
RAMXEED LIMITED
MB85RS64PNF-G-AME2 RAMXEED-MB85RS64PNF-G-AME2 Datasheet
2Mb / 31P
64 K (8 K x 8) Bit SPI
MB85RS64PNF-G-AMERE2 RAMXEED-MB85RS64PNF-G-AMERE2 Datasheet
2Mb / 31P
64 K (8 K x 8) Bit SPI
More results


Similar Description - MB85RS64T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
64 k SRAM (8-kword x 8-bit)
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
64 k SRAM (8-kword x 8-bit)
logo
fujitsu semiconductor
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
512-Kbit (64 K x 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
64-Kbit (8 K x 8) SPI nvSRAM
logo
fujitsu semiconductor
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
64 K (8 K 횞 8) Bit I2C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com