Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS64T Datasheet(PDF) 9 Page - RAMXEED LIMITED

Part # MB85RS64T
Description  64 K (8 K x 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS64T Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MB85RS64T Datasheet HTML 5Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 6Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 7Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 8Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 9Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 10Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 11Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 12Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
MB85RS64T
DS501-00058-2v0-E
9
READ
The READ command reads FeRAM memory cell array data. Arbitrary 16 bits address and op-code of READ
are input to SI. The 3-bit upper address bit is invalid. Then, 8-cycle clock is input to SCK. SO is output
synchronously to the falling edge of SCK. While reading, the SI value is invalid. When CS is risen, the READ
command is completed, but keeps on reading with automatic address increment which is enabled by con-
tinuously sending clocks to SCK in unit of 8 cycles before CS rising. When it reaches the most significant
address, it rolls over to the starting address, and reading cycle keeps on infinitely.
WRITE
The WRITE command writes data to FeRAM memory cell array. WRITE op-code, arbitrary 16 bits of address
and 8 bits of writing data are input to SI. The 3-bit upper address bit is invalid. When 8 bits of writing data is
input, data is written to FeRAM memory cell array. Risen CS will terminate the WRITE command. However,
if you continue sending the writing data for 8 bits each before CS rising, it is possible to continue writing with
automatic address increment. When it reaches the most significant address, it rolls over to the starting
address, and writing cycle keeps on continued infinitely.
SO
SCK
SI
CS
00
0
0X
112
10
MSB
7
6
5
4
3
2
1
0
Data Out
MSB
High-Z
LSB
420
1
Invalid
13
12
11
10
9
825
24
23
22
21
20
19
18
31
30
29
28
27
26
OP-CODE
00
1
11
X
X3
5
16-bit Address
Invalid
LSB
20
1
3
64
5
7
SO
SCK
SI
CS
00
0
0X
112
10
MSB
7
6
5
4
3
2
1
0
Data In
MSB
High-Z
LSB
420
1
13
12
11
10
9
825
24
23
22
21
20
19
18
31
30
29
28
27
26
OP-CODE
00
0
11
X
X3
5
16-bit Address
LSB
20
1
3
64
5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com