Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS64T Datasheet(PDF) 21 Page - RAMXEED LIMITED

Part # MB85RS64T
Description  64 K (8 K x 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS64T Datasheet(HTML) 21 Page - RAMXEED LIMITED

Back Button MB85RS64T Datasheet HTML 17Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 18Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 19Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 20Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 21Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 22Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 23Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 24Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 25Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
MB85RS64T
DS501-00058-2v0-E
21
PACKAGE DIMENSION
8-pin plastic SOP
Lead pitch
1.27 mm
Package width
×
package length
3.9 mm
× 5.05 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.75 mm MAX
8-pin plastic SOP
(FPT-8P-M02)
(FPT-8P-M02)
1.27(.050)
3.90±0.30
6.00±0.20
.199 –.008
+.010
–0.20
+0.25
5.05
0.13(.005) M
(.154±.012) (.236±.008)
14
5
8
0.44±0.08
(.017±.003)
–0.07
+0.03
0.22
.009
+.001
–.003
45°
0.40(.016)
"A"
0~8°
0.25(.010)
(Mounting height)
Details of "A" part
1.55±0.20
(.061±.008)
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.15±0.10
(.006±.004)
(Stand off)
*1
*2
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) 1 : These dimensions include resin protrusion.
Note 2) 2 : These dimensions do not include resin protrusion.
Note 3) Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com