Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS320PR822 Datasheet (PDF) - Texas Instruments

DS320PR822 Datasheet PDF - Texas Instruments
Part # DS320PR822
Download  DS320PR822 Download
File Size   1793.99 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS320PR822 Linear Redriver for PCIe 5.0, CXL 1.1 With Four 2x2 Crosspoint Mux

DS320PR822 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS320PR822 Datasheet PDF - Texas Instruments

Part # DS320PR822
Download  DS320PR822 Click to download

File Size   1793.99 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS320PR822 Linear Redriver for PCIe 5.0, CXL 1.1 With Four 2x2 Crosspoint Mux

DS320PR822 Datasheet (HTML) - Texas Instruments


DS320PR822 Product details

1 Features
• Linear redriver supporting PCIe 5.0, CXL 2.0, UPI
2.0 up to 32 Gbps
• Supports most ac coupled interfaces including DP,
SAS, SATA, XFI
• Provides four 2x2 Crosspoint mux function
• CTLE boosts up to 22 dB at 16 GHz
• Ultra-low latency of 100 ps
• Low additive random jitter of 75 fs for PRBS data
• Excellent return loss of −10 dB at 16 GHz
• Single 3.3 V supply
• Internal voltage regulator provides immunity to
supply noise
• Low active power of 160 mW per channel
• No heat sink required
• Pin-strap, SMBus or EEPROM programming
• Automatic receiver detection for PCIe use cases
• Protocol agnostic linear redriver allows seamless
support for PCIe link training
• Support for x2, x4, x8, x16, x24 bus width with one
or multiple DS320PR822
• Temperature range of –40 °C to 85 °C
• 5.5 mm × 10 mm, 64 pin WQFN package

2 Applications
• Rack server, microserver, and tower server
• High performance computing
• Hardware accelerator
• Network attached storage
• Storage area network (SAN) and host bus adapter
(HBA) card
• Network interface card (NIC)
• Desktop PC or motherboard

3 Description
The DS320PR822 is a low-power high-performance
linear repeater or redriver designed to support PCIe
5.0, CXL 2.0, UPI 2.0, and other interfaces up to
32 Gbps. The DS320PR822 provides four 2x2 crosspoint
mux functionality.
The DS320PR822 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer can open an
input eye that is completely closed due to intersymbol
interference (ISI) induced by an interconnect
medium, such as PCB traces. The CTLE receiver
is followed by a linear output driver. The linear datapaths
of DS320PR822 preserve transmit preset signal
characteristics. The linear redriver becomes part of
the passive channel that as a whole get link trained
for best transmit and receive equalization settings.
This transparency in the link training protocol results
in best electrical link and lowest possible latency.
Low channel-channel cross-talk, low additive jitter
and excellent return loss makes the device almost
a passive element in the link, but with its useful
equalization. The data-path of the device uses an
internally regulated power rail that provides high
immunity to any supply noise on the board.
The device also has low AC and DC gain variation
providing consistent equalization in high volume
platform deployment.




Similar Part No. - DS320PR822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS320PR822 TI-DS320PR822 Datasheet
1Mb / 38P
DS320PR822 Linear Redriver for PCIe 5.0, CXL 1.1 With Four 2x2 Crosspoint Mux
SEPTEMBER 2022
DS320PR822NJXR TI-DS320PR822NJXR Datasheet
1Mb / 38P
DS320PR822 Linear Redriver for PCIe 5.0, CXL 1.1 With Four 2x2 Crosspoint Mux
SEPTEMBER 2022
DS320PR822NJXT TI-DS320PR822NJXT Datasheet
1Mb / 38P
DS320PR822 Linear Redriver for PCIe 5.0, CXL 1.1 With Four 2x2 Crosspoint Mux
SEPTEMBER 2022
More results


Similar Description - DS320PR822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS160UP822 TI-DS160UP822 Datasheet
1Mb / 31P
DS160UP822 UPI 2.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
logo
Diodes Incorporated
PI3EQX16621 DIODES-PI3EQX16621 Datasheet
679Kb / 1P
16Gbps, 4-Channels PCIe Mux ReDriver
PI3EQX32908 DIODES-PI3EQX32908 Datasheet
512Kb / 2P
Eight-Channel ReDriver Boosts Signal Quality of High-Speed PCIe 5.0, SAS4, and CXL Interfaces
logo
Texas Instruments
DS320PR810 TI-DS320PR810 Datasheet
1Mb / 38P
DS320PR810 Eight-Channel Linear Redriver for PCIe 5.0, CXL 1.1
AUGUST 2022
DS320PR822 TI-DS320PR822 Datasheet
1Mb / 38P
DS320PR822 Linear Redriver for PCIe 5.0, CXL 1.1 With Four 2x2 Crosspoint Mux
SEPTEMBER 2022
DS560MB410 TI-DS560MB410 Datasheet
752Kb / 12P
DS560MB410 Low-Power 56-Gbps PAM4 4-Channel Linear Redriver with Crosspoint
DECEMBER 2022
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR410 TI-DS320PR410 Datasheet
2Mb / 32P
DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com