Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDL6M05586 Datasheet (PDF) - ABLIC Inc.

HDL6M05586 Datasheet PDF - ABLIC Inc.
Part # HDL6M05586
Download  HDL6M05586 Download
File Size   1003.67 Kbytes
Page   25 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description OCTAL ±100V 1.6A 5-LEVEL ULTRASOUND PULSER

HDL6M05586 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDL6M05586 Datasheet PDF - ABLIC Inc.

Part # HDL6M05586
Download  HDL6M05586 Click to download

File Size   1003.67 Kbytes
Page   25 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description OCTAL ±100V 1.6A 5-LEVEL ULTRASOUND PULSER

HDL6M05586 Datasheet (HTML) - ABLIC Inc.


HDL6M05586 Product details

Features
• 0 to ±100V output voltage
• ±1.6A source and sink peak current for the 1st and 2nd high-voltage pulses (VPP1/VNN1,VPP2/VNN2)
• ±1.6A source and sink peak current for active ground clamp
• 250Ω (±0.1A) active ground clamp without blocking diode for anti-leakage (Analog SW type)
• Embedded floating voltage regulators
• Symmetrical positive and negative pulse waveforms for low 2nd order harmonic distortion
• Up to 200MHz LVDS/LVCMOS clock (transparent mode available)
• 12Ω active T/R switch with 2-bit turn-on timing control
• 20MHz output frequency @±60V output, 220pF load
• 1.8V to 5V CMOS logic interface
• Noise-cut diodes at each high-voltage output
• Embedded high-voltage clamp diodes
• 4-mode output current control for the 2nd high-voltage rail
• Automatic thermal protection with indicator
• Power-up/down reset function for free power sequencing and for fail-safe in abrupt power drop
• Latch-up free, low crosstalk between channels by SOI CMOS technology
• 84-lead 10x10mm QFN package (RoHS compliant)




Similar Part No. - HDL6M05586

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
HDL6M05584 ABLIC-HDL6M05584 Datasheet
955Kb / 25P
OCTAL ±100V 2A 3-LEVEL ULTRASOUND PULSER
Rev.2.1_00
HDL6M05585 ABLIC-HDL6M05585 Datasheet
986Kb / 26P
OCTAL ±100V 1.6A 5-LEVEL ULTRASOUND PULSER
Rev.2.2_00
More results


Similar Description - HDL6M05586

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
LM96550 Ultrasound Transmit Pulser
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
Ultrasound HV pulser demonstration board
21-Dec-2010
logo
Texas Instruments
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
logo
Microchip Technology
HV7321 MICROCHIP-HV7321 Datasheet
501Kb / 30P
4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
06/23/16
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com