Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2171 Datasheet (PDF) - STMicroelectronics

STMPS2171 Datasheet PDF - STMicroelectronics
Part # STMPS2171
Download  STMPS2171 Download
File Size   1109.81 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced single channel power switches

STMPS2171 Datasheet (PDF)

Go To PDF Page Download Datasheet
STMPS2171 Datasheet PDF - STMicroelectronics

Part # STMPS2171
Download  STMPS2171 Click to download

File Size   1109.81 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced single channel power switches

STMPS2171 Datasheet (HTML) - STMicroelectronics


STMPS2171 Product details

Description

The STMPS2141, STMPS2151, STMPS2161, STMPS2171 power distribution switches are intended for applications where heavy capacitive loads and short circuits are likely to be encountered. These devices incorporate 90 mΩ N-channel MOSFET high-side power switches for power-distribution. These switches are controlled by a logic enable input.



Features

■ 90 mΩhigh-side MOSFET switch

■ 500/1000 mA continuous current

■ Thermal and short-circuit protection with overcurrent logic output

■ Operating range from 2.7 V to 5.5 V

■ CMOS- and TTL-compatible enable inputs

■ Undervoltage lockout (UVLO)

■ 12µA maximum standby supply current

■ Ambient temperature range, -40°C to 85°C

■ 8 kV ESD protection

■ Reverse current protection

■ Fault-blanking




Similar Part No. - STMPS2171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2171MTR STMICROELECTRONICS-STMPS2171MTR Datasheet
1Mb / 34P
Enhanced single channel power switches
17-Jul-2009
STMPS2171STR STMICROELECTRONICS-STMPS2171STR Datasheet
1Mb / 34P
Enhanced single channel power switches
17-Jul-2009
STMPS2171TTR STMICROELECTRONICS-STMPS2171TTR Datasheet
1Mb / 34P
Enhanced single channel power switches
17-Jul-2009
More results


Similar Description - STMPS2171

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
Single Pole Power Rocker Switches
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
Single Pole Power Rocker Switches
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141_09 Datasheet
1Mb / 34P
Enhanced single channel power switches
17-Jul-2009
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
Single Pole Power Rocker Switches
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
Single Pole Power Rocker Switches
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
Single Pole Power Rocker Switches
logo
STMicroelectronics
STMPS2242 STMICROELECTRONICS-STMPS2242 Datasheet
1Mb / 42P
Enhanced dual-channel power switches
19-Jan-2011
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
Single channel high-side switches
Rev 2 - June 2020
logo
C&K Components
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
Single Pole Power Rocker Switches
2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com