Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9903 Datasheet (PDF) - STMicroelectronics

L9903 Datasheet PDF - STMicroelectronics
Part # L9903
Download  L9903 Download
File Size   230.71 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MOTOR BRIDGE CONTROLLER

L9903 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9903 Datasheet PDF - STMicroelectronics

Part # L9903
Download  L9903 Click to download

File Size   230.71 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MOTOR BRIDGE CONTROLLER

L9903 Datasheet (HTML) - STMicroelectronics


L9903 Product details

FEATURES
OPERATING SUPPLY VOLTAGE 8V TO 20V,
OVERVOLTAGE MAX. 40V
■ OPERATING SUPPLY VOLTAGE 6V WITH
IMPLEMENTED STEPUP CONVERTER
■ QUIESCENT CURRENT IN STANDBY MODE
LESS THAN 50μA
■ ISO 9141 COMPATIBLE INTERFACE
■ CHARGE PUMP FOR DRIVING A POWER
MOS AS REVERSE BATTERY PROTECTION
■ PWM OPERATION FREQUENCY UP TO
30KHZ
■ PROGRAMMABLE CROSS CONDUCTION
PROTECTION TIME
■ OVERVOLTAGE, UNDERVOLTAGE, SHORT
CIRCUIT AND THERMAL PROTECTION
■ REAL TIME DIAGNOSTIC




Similar Part No. - L9903

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9903 STMICROELECTRONICS-L9903 Datasheet
271Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2005
L9903TR STMICROELECTRONICS-L9903TR Datasheet
271Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2005
More results


Similar Description - L9903

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9904 STMICROELECTRONICS-L9904 Datasheet
268Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2002
logo
Texas Instruments
DRV8813 TI1-DRV8813 Datasheet
838Kb / 18P
DUAL-BRIDGE MOTOR CONTROLLER IC
logo
STMicroelectronics
L9903 STMICROELECTRONICS-L9903 Datasheet
271Kb / 17P
MOTOR BRIDGE CONTROLLER
Oct-2005
logo
Texas Instruments
DRV8812 TI1-DRV8812_13 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
logo
Melexis Microelectronic...
MLX80153 MELEXIS-MLX80153 Datasheet
356Kb / 6P
OTP Full Bridge motor controller
logo
Texas Instruments
DRV8812 TI1-DRV8812_14 Datasheet
1Mb / 23P
DUAL-BRIDGE MOTOR CONTROLLER IC
logo
STMicroelectronics
L9904TR STMICROELECTRONICS-L9904TR Datasheet
682Kb / 17P
MOTOR BRIDGE CONTROLLER
Sep-2013
logo
Texas Instruments
DRV8812 TI-DRV8812_15 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
H-BRIDGE MOTOR CONTROLLER IC
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com