Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9903 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9903
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9903 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9903 Datasheet HTML 3Page - STMicroelectronics L9903 Datasheet HTML 4Page - STMicroelectronics L9903 Datasheet HTML 5Page - STMicroelectronics L9903 Datasheet HTML 6Page - STMicroelectronics L9903 Datasheet HTML 7Page - STMicroelectronics L9903 Datasheet HTML 8Page - STMicroelectronics L9903 Datasheet HTML 9Page - STMicroelectronics L9903 Datasheet HTML 10Page - STMicroelectronics L9903 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
L9903
tGH1LH
tGH2LH
Propagation delay time including
cross conduction protection time
tCCP
Fig. 2
VVS = 13.5V
VS1 = VS2 =0
CCBX = 0.1µF
CPR= 150pF;
RPR= 10k;
5)
0.7
1
1.3
µs
tGH1HL
tGH2HL
Propagation delay time
500
ns
tGL1LH
tGL2LH
Propagation delay time
Fig. 2
VVS = 13.5V
VS1 = VS2 =0
CCBX = 0.1µF
RPR= 10k
500
ns
tGL1LH
tGL2LH
Propagation delay time including
cross conduction protection time
tCCP
Fig. 2
VVS = 13.5V
VS1 = VS2 =0
CCBX = 0.1µF
CPR= 150pF;
RPR= 10k;
5)
0.7
1
1.3
µs
tGL1HL
tGL2HL
Propagation delay time
500
ns
tGH1r
tGH2r
Rise time
Fig. 2
VVS = 13.5V
VS1 = VS2 =0
CCBX = 0.1µF
CGHX = 4.7nF
CGLX = 4.7nF
RPR= 10k;
1µs
tGH1f
tGH2f
Fall time
1µs
tGL1r
tGL2r
Rise time
1µs
tGL1f
tGL2f
Fall time
1µs
Short Circuit Detection
VS1TH
VS2TH
Threshold voltage
4
V
tSCd
Detection time
5
10
15
µs
Step up converter (ST)
(5.2V
VVS < 10V)
VSTH
ST disable HIGH threshold
10
V
VSTh
ST disable threshold hysteresis
voltage 2)
12
V
RDSON
Open drain ON resistance
VVS = 5.2V;
IST = 50mA
20
fST
Clock frequency
50
100
149
kHz
2. not tested in production: guaranteed by design and verified in characterization
5. tested with differed values in production but guaranteed by design and verified in characterization
Table 5. Electrical Characteristcs (continued)
(8V < VVS < 20V, VEN = HIGH, -40°C  TJ  150°C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when current flows into the pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com