Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9903 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9903
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9903 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9903 Datasheet HTML 7Page - STMicroelectronics L9903 Datasheet HTML 8Page - STMicroelectronics L9903 Datasheet HTML 9Page - STMicroelectronics L9903 Datasheet HTML 10Page - STMicroelectronics L9903 Datasheet HTML 11Page - STMicroelectronics L9903 Datasheet HTML 12Page - STMicroelectronics L9903 Datasheet HTML 13Page - STMicroelectronics L9903 Datasheet HTML 14Page - STMicroelectronics L9903 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
L9903
3
FUNCTIONAL DESCRIPTION
3.1 General
The L9903 integrated circuit (IC) is designed to control four external N-channel MOS transistors in H-Bridge con-
figuration for DC-motor driving in automotive applications. It includes an ISO9141 compatible interface. A typical
application is shown in fig.9.
3.2 Voltage supply
The IC is supplied via an external reverse battery protection diode to the VVS pin. The typical operating voltage
range is down to 8V.
The supply current consumption of the IC composes of static and a dynamic part. The static current is typically
5.8mA. The dynamical current Idyn is depending of the PWM frequency fPWM and the required gate charge QGate
of the external power mos transistor. The current can be estimated by the expression:
Idyn = 2 · fPWM · QGate
An external power transistor with a gate charge of QGate = 160nC and a PWM frequency of fPWM = 20kHz re-
quires a dynamical supply current of Idyn = 6.4mA.
The total supply current consumption is IVS = 5.8mA + 6.4mA = 12.2mA.
3.3 Extended supply voltage range (ST)
The operating battery voltage range can be extended down to 6V using the additional components shown in
fig.7. A small inductor of L~150µH (Ipeak~500mA) in series to the battery supply builts up a step up converter
with the switching open drain output ST. The switching frequency is typical 100kHz with a fixed duty cycle of
50%. The step up converter starts below VVS < 8V, increases the supply voltage at the VS pin and switches off
at VVS > 10V to avoid EME at nominal battery voltage. The diode D2 in series with the ST pin is necessary only
for systems with negative battery voltage. No additional load can be driven by the step up converter.
Figure 10.
V
BAT
L1
D1
D2
C1
C2
VS
ST
VSTH
fST
=
-
+
L9903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com