Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9903 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9903
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9903 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9903 Datasheet HTML 9Page - STMicroelectronics L9903 Datasheet HTML 10Page - STMicroelectronics L9903 Datasheet HTML 11Page - STMicroelectronics L9903 Datasheet HTML 12Page - STMicroelectronics L9903 Datasheet HTML 13Page - STMicroelectronics L9903 Datasheet HTML 14Page - STMicroelectronics L9903 Datasheet HTML 15Page - STMicroelectronics L9903 Datasheet HTML 16Page - STMicroelectronics L9903 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
L9903
3.8 Short Circuit Detection
The output voltage at the S1 and S2 pin of the H-Bridge is monitored by comparators to detect shorts to ground
or battery. The activated external highside MOS transistor will be switched off if the voltage drop remains below
the comparator threshold voltage VS1TH and VS2TH for longer than the short current detection time tSCd. The
transistor remains in off condition, the diagnostic output goes LOW until the DIR or PWM input status will be
changed. The status doesn't change for the other MOS transistors. The external lowside MOS transistor will be
switched off if the voltage drop passes over the comparator threshold voltage VS1TH and VS2TH for longer than
the short current detection time tSCd. The transistor remains in off condition, the diagnostic output goes LOW
until the DIR or PWM input status will be changed. The status doesn't change for the other MOS transistors.
3.9 Diagnostic Output (DG)
The diagnostic output provides a real time error detection, if monitors the following error stacks: Thermal shut-
down, overvoltage shutdown , undervoltage shutdown and short circuit shutdown. The open drain output with
internal pull up resistor is LOW if an error is occuring.
3.10 Bootstrap capacitor (CB1,CB2)
To ensure, that the external power MOS transistors reach the required RDSON, a minimum gate source voltage
of 5V for logic level and 10V for standard power MOS transistors has to be guaranteed. The highside transistors
require a gate voltage higher than the supply voltage. This is achieved with the internal chargepump circuit in
combination with the bootstrap capacitor. The bootstrap capacitor is charged, when the highside MOS transistor
is OFF and the lowside is ON. When the lowside is switched OFF, the charged bootstrap capacitor is able to
supply the gate driver of the highside power MOS transistor. For effective charging the values of the bootstrap
capacitors should be larger than the gate-source capacitance of the power MOS and respect the required PWM
ratio.
3.11 Chargepump circuit (CP)
The reverse battery protection can be obtained with an external N-channel MOS transistor as shown in fig.6. In
this case its drain-bulk diode provides the protection. The output CP is intended to drive the gate of this tran-
sistor above the battery voltage to switch on the MOS and to bypass the drain-bulk diode with the RDSON. The
CP has a connection to VS through an internal diode and a 20k
 resistor.
3.12 Gate drivers for the external N-channel power MOS transistors (GH1, GH2, GL1, GL2)
High level at EN activates the driver of the external MOS under control of the DIR and PWM inputs (see truth
table and driving sequence fig.4). The external power MOS gates are connected via series resistors to the de-
vice to reduce electro magnetic emission (EME) of the system. The resistors influence the switching behaviour.
They have to be choosen carefully. Too large resistors enlarge the charging and discharging time of the power
MOS gate and can generate cross current in the halfbridges. The driver assures a longer switching delay time
from source to sink stage in order to prevent the cross conduction.
The gate source voltage is limited to 14V. The charge/discharge current is limited by the RDSON of the driver.
The drivers are not protected against shorts.
3.13 Programmable cross conduction protection
The external power MOS transistors in H-Bridge ( two half bridges) configuration are switched on with an addi-
tional delay time tCCP to prevent cross conduction in the halfbridge. The cross conduction protection time tCCP
is determined by the external capacitor CPR and resistor RPR at the PR pin. The capacitor CPR is charged up
to the voltage limit VPRH. A level change on the control inputs DIR and PWM switches off the concerned external
MOS transistor and the charging source at the PR pin. The resistor RPR discharges the capacitor CPR. The con-
cerned external power MOS transistor will be switched on again when the voltage at PR reaches the value of
VPRL. After that the CPR will be charged again. The capacitor CPR should be choosen between 100pF and 1nF.
The resistor RPR should be higher than 7kW. The delay time can be expressed as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com