Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9903 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9903
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9903 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9903 Datasheet HTML 6Page - STMicroelectronics L9903 Datasheet HTML 7Page - STMicroelectronics L9903 Datasheet HTML 8Page - STMicroelectronics L9903 Datasheet HTML 9Page - STMicroelectronics L9903 Datasheet HTML 10Page - STMicroelectronics L9903 Datasheet HTML 11Page - STMicroelectronics L9903 Datasheet HTML 12Page - STMicroelectronics L9903 Datasheet HTML 13Page - STMicroelectronics L9903 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
L9903
10/17
Figure 8. Charging time of an external capacitor of 10nF connected to CP pin at VVS=8V and
VVS=13.5V
Figure 9. Application Circuit Diagram
0
123
4
time [ms]
0
5
10
15
20
25
30
voltage [V]
Charging time of a 10nF load at CP
CP for VS=13.5V
CP for VS=8V
EN
D1
µC
GND
K-Line
C1
R
R
R
R
Voltage
Regulator
VBAT
CS2
CS1
RPR
CPR
CB1
B2
C
VCC
M
VS
DIR
PWM
EN
RX
TX
CP
CB1
GH1
S1
GL1
CB2
GH2
S2
GL2
K
=
PR
VCC
=
=
ISO-Interface
VCC
GND
ST
Reference
BIAS
Charge
pump
Overvoltage
Undervoltage
PWM
R
DIR
R
RX
R
TX
R
0.5  VVS
RS2
RGL2
RGL1
RS1
RCP
REN
VCC
Timer
I KH
V S2TH
Thermal shutdown
V S1TH
DG
VCC
RDG
VSTH
fST
=
-
+
10
1
2
4
5
3
6
7
8
20
9
16
15
17
18
19
14
12
13
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com