Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet (PDF) - STMicroelectronics

L9959 Datasheet PDF - STMicroelectronics
Part # L9959
Download  L9959 Download
File Size   827.6 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single and dual PMOS high-side H-bridge

L9959 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9959 Datasheet PDF - STMicroelectronics

Part # L9959
Download  L9959 Click to download

File Size   827.6 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single and dual PMOS high-side H-bridge

L9959 Datasheet (HTML) - STMicroelectronics


L9959 Product details

Features
 Full path RDSON less than 540 mΩ
 Continuous load current > 3 A
 Operating battery supply voltage 5 V to 28 V
 Operating VDD supply voltage 4.5 V to 5.5 V
 All ECU internal pins can withstand up to 18 V
 Output switching frequency up to 11 kHz
 Monitoring of VDD supply voltage
 SPI programmable output current limitation
from 5 A to 8.6 A (in 3 steps)
 Over temperature and short circuit protection
 Full diagnosis capability
 Fast switch-off open-drain input/output
 Current-monitoring with current feedback
output signal CF
 SPI-interface for configuration and diagnosis
 Error history in second diagnosis register
 Two independent enable pins: "/ABE" and
"DIS"
 Control of power stages by SPI or two input
signals, PWM and DIR (configurable via SPI)
 Logic levels 5 V compatible
 Conformity to improved EMC requirements due
to smart H-bridge switching




Similar Part No. - L9959

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
L9959S-TR STMICROELECTRONICS-L9959S-TR Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
L9959S-TR-D STMICROELECTRONICS-L9959S-TR-D Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959T STMICROELECTRONICS-L9959T Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
More results


Similar Description - L9959

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
Dual High Side Switch for H-Bridge Automotive Applications
logo
Freescale Semiconductor...
33486A FREESCALE-33486A Datasheet
900Kb / 30P
Dual High-Side Switch for H-Bridge Applications
logo
Fairchild Semiconductor
FAN3278 FAIRCHILD-FAN3278 Datasheet
471Kb / 15P
30V PMOS-NMOS Bridge Driver
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
ITS42K5D-LD-F INFINEON-ITS42K5D-LD-F_15 Datasheet
1Mb / 30P
Dual Channel High-Side PMOS Power Switch with Integrated Freewheeling Diodes
Rev 1.0, 2015-04-28
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
STMicroelectronics
L9969X STMICROELECTRONICS-L9969X Datasheet
1Mb / 70P
Automotive chip for single and dual H-bridge
16-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com