Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 1 Page - STMicroelectronics

  L9959 Datasheet HTML 1Page - STMicroelectronics L9959 Datasheet HTML 2Page - STMicroelectronics L9959 Datasheet HTML 3Page - STMicroelectronics L9959 Datasheet HTML 4Page - STMicroelectronics L9959 Datasheet HTML 5Page - STMicroelectronics L9959 Datasheet HTML 6Page - STMicroelectronics L9959 Datasheet HTML 7Page - STMicroelectronics L9959 Datasheet HTML 8Page - STMicroelectronics L9959 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
This is information on a product in full production.
February 2016
DocID027540 Rev 3
1/49
L9959
Single and dual PMOS high-side H-bridge
Datasheet
- production data
Features
 Full path RDSON less than 540 mΩ
 Continuous load current > 3 A
 Operating battery supply voltage 5 V to 28 V
 Operating VDD supply voltage 4.5 V to 5.5 V
 All ECU internal pins can withstand up to 18 V
 Output switching frequency up to 11 kHz
 Monitoring of VDD supply voltage
 SPI programmable output current limitation
from 5 A to 8.6 A (in 3 steps)
 Over temperature and short circuit protection
 Full diagnosis capability
 Fast switch-off open-drain input/output
 Current-monitoring with current feedback
output signal CF
 SPI-interface for configuration and diagnosis
 Error history in second diagnosis register
 Two independent enable pins: "/ABE" and
"DIS"
 Control of power stages by SPI or two input
signals, PWM and DIR (configurable via SPI)
 Logic levels 5 V compatible
 Conformity to improved EMC requirements due
to smart H-bridge switching
Description
L9959S/L9959U and L9959T are single and dual
integrated H-bridges for resistive and inductive
loads featuring output current direction and
supervising functions.
The PowerSSO24 houses one full H-Bridge, while
the PowerSSO36 houses both two H-Bridges that
can work in parallel, through independent input
driving commands, and one full H-bridge, by
improving PCB footprint design versus different
target applications.
Target application ranges from throttle control
actuators to exhaust gas recirculation control
valves in automotive domain to a more general
use to drive DC and Stepper motors.
PowerSSO24
PowerSSO36
Table 1. Device summary
Order code
Package
Packing
L9959S-TR-D
PowerSSO24
Tape & Reel
L9959T-TR-D
PowerSSO36
Tape & Reel
L9959U-TR-D
PowerSSO36
Tape & Reel
www.st.com


Similar Part No. - L9959

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
L9959S-TR STMICROELECTRONICS-L9959S-TR Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
L9959S-TR-D STMICROELECTRONICS-L9959S-TR-D Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959T STMICROELECTRONICS-L9959T Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
More results

Similar Description - L9959

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
Dual High Side Switch for H-Bridge Automotive Applications
logo
Freescale Semiconductor...
33486A FREESCALE-33486A Datasheet
900Kb / 30P
Dual High-Side Switch for H-Bridge Applications
logo
Fairchild Semiconductor
FAN3278 FAIRCHILD-FAN3278 Datasheet
471Kb / 15P
30V PMOS-NMOS Bridge Driver
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
ITS42K5D-LD-F INFINEON-ITS42K5D-LD-F_15 Datasheet
1Mb / 30P
Dual Channel High-Side PMOS Power Switch with Integrated Freewheeling Diodes
Rev 1.0, 2015-04-28
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
STMicroelectronics
L9969X STMICROELECTRONICS-L9969X Datasheet
1Mb / 70P
Automotive chip for single and dual H-bridge
16-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com